| 전자부품 데이터시트 검색엔진 |
|
ST25DV64KC 데이터시트(PDF) 172 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV64KC 데이터시트(HTML) 172 Page - STMicroelectronics |
|
172 / 203 page ![]() Table 281. Polling during programming after sequential write in User memory when write operation allowed and crossing over area border Master drives SDA Slave drives SDA Comment Request/Response Frame Start A6h - Device select for writing - ACK 9th bit Device ready No programming Stop - End of Polling B.3.2 I2C sequential write in mailbox and polling Table 282. Sequential write in mailbox when mailbox is free from RF message and fast transfer mode is activated Request/Response Frame Comment Master drives SDA Slave drives SDA Start A6h - Device select for writing - ACK 9th bit ADDRESS_MSB - Send mailbox Address MSB (1 Byte) - ACK 9th bit ADDRESS_LSB - Send mailbox Address LSB (1 Byte) - ACK 9th bit DATA 0 - Send Data 0 - ACK 9th bit DATA 1 - Send Data 1 - ACK 9th bit ... - ... - ... ... DATA n - Send Data n n ≤ 256 - ACK 9th bit Stop - Immediate mailbox content update Table 283. Polling during programing after sequential write in mailbox Request/Response Frame Comment Master drives SDA Slave drives SDA Start A6h - Device select for writing - ACK 9th bit Device ready Mailbox is immediately updated Stop - End of Polling ST25DV04KC ST25DV16KC ST25DV64KC I²C sequential writing and polling DS13519 - Rev 3 page 172/203 |