전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST25DV64KC 데이터시트(PDF) 31 Page - STMicroelectronics

부품명 ST25DV64KC
상세설명  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC 데이터시트(HTML) 31 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 27Page - STMicroelectronics ST25DV64KC Datasheet HTML 28Page - STMicroelectronics ST25DV64KC Datasheet HTML 29Page - STMicroelectronics ST25DV64KC Datasheet HTML 30Page - STMicroelectronics ST25DV64KC Datasheet HTML 31Page - STMicroelectronics ST25DV64KC Datasheet HTML 32Page - STMicroelectronics ST25DV64KC Datasheet HTML 33Page - STMicroelectronics ST25DV64KC Datasheet HTML 34Page - STMicroelectronics ST25DV64KC Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 203 page
background image
5.3
Interface arbitration
ST25DVxxKC automatically arbitrates the exclusive usage of RF and I2C interfaces. Arbitration scheme obeys to
“first talk first served” basic law. (see Figure 14. ST25DVxxKC, Arbitration between RF and I2C).
Figure 14. ST25DVxxKC, Arbitration between RF and I2C
Power OFF
Boot
RF mute
I2C mute
RF busy
(I2C commamds
are NoAck)
ST25DV standby
RF free
I2C free
I2C busy
(0Fh or no
response to RF
requests)
VCC ON
or
RF field ON
Boot done
I2C start
I2C transition terminated
RF request SOF
RF transaction terminated
RF transaction is terminated:
•
at response EOF if answer.
•
at request EOF is no answer.
•
at RF field OFF.
I2C transaction is terminated:
•
at the end of EEPROM programming time after the stop condition of a successful write into EEPROM (user
memory or system configuration). See Section 6.4 I²C Write operations for write time calculation
•
at stop condition for any other I2C transaction
•
at VCC power off
•
at any I2C error (terminated before stop condition)
•
at I2C timeout if it occurs
When RF is busy, I2C interface answers by NoAck on any I2C command.
When I2C is busy, RF commands receive no response (Inventory, Stay quiet, addressed commands) or error code
0Fh for any other command.
ST25DV04KC ST25DV16KC ST25DV64KC
Interface arbitration
DS13519 - Rev 3
page 31/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More