| 전자부품 데이터시트 검색엔진 |
|
ST25DV16KC 데이터시트(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV16KC 데이터시트(HTML) 36 Page - STMicroelectronics |
|
36 / 203 page ![]() RF_INTERRUPT: • A pulse is emitted on GPO by Manage GPO command (interrupt). • When RF_INTERRUPT is activated, a pulse of duration IT_TIME is emitted after EOF of ST25DVxxKC response to a Manage GPO interrupt command (see Section 7.6.30 Manage GPO). Figure 19. RF_INTERRUPT chronogram S O F E O F 3) VCD sends a ManageGPO command (any value) and ST25DVxxKC stays quiet (command not for this VICC, or quiet state). GPO/RF_INTERRUPT remains high-Z. ManageGPO command GPO/RF_INTERRUPT 1) VCD sends a ManageGPO command with value 80h (GPO emit pulse) and ST25DVxxKC replies. GPO/RF_INTERRUPT generates a pulse of duration IT_TIME after ST25DVxxKC response. t1 GPO/RF_INTERRUPT S O F E O F ST25DVxxKC reply S O F ManageGPO 80h command E O F 2) VCD sends a ManageGPO command (any value) and ST25DVxxKC replies with error. GPO/RF_INTERRUPT remains high-Z. GPO/RF_INTERRUPT S O F ManageGPO command E O F t1 S O F E O F ST25DVxxKC reply 4) VCD sends any command other than ManageGPO command and ST25DVxxKC replies. GPO/RF_INTERRUPT remains high-Z. GPO/RF_INTERRUPT S O F Any other command E O F t1/Wt S O F E O F ST25DVxxKC reply ST25DV04KC ST25DV16KC ST25DV64KC GPO DS13519 - Rev 3 page 36/203 |