전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST25TV512 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 ST25TV512
상세설명  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV512 데이터시트(HTML) 5 Page - STMicroelectronics

  ST25TV512 Datasheet HTML 1Page - STMicroelectronics ST25TV512 Datasheet HTML 2Page - STMicroelectronics ST25TV512 Datasheet HTML 3Page - STMicroelectronics ST25TV512 Datasheet HTML 4Page - STMicroelectronics ST25TV512 Datasheet HTML 5Page - STMicroelectronics ST25TV512 Datasheet HTML 6Page - STMicroelectronics ST25TV512 Datasheet HTML 7Page - STMicroelectronics ST25TV512 Datasheet HTML 8Page - STMicroelectronics ST25TV512 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 90 page
background image
2
Description of signals
2.1
Antenna coil (AC0, AC1)
These inputs are used exclusively to connect the ST25TV02K/512 devices to an external coil. It is advised not to
connect any other DC or AC path to AC0 or AC1.
When correctly tuned, the coil is used to power and access the device using the ISO/IEC 15693 and ISO 18000-3
mode 1 protocols.
2.2
Tamper detect (TD0, TD1)
These inputs are used to connect a wire loop to the ST25TV02K/512 devices to detect an open or a short
between the two pins TD0, TD1.
ST25TV02K ST25TV512
Description of signals
DS12074 - Rev 11
page 5/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90