전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74HCS08 데이터시트(PDF) 21 Page - Texas Instruments

부품명 SN74HCS08
상세설명  SN74HCS08 Quadruple 2-Input AND Gates with Schmitt-Trigger Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS08 데이터시트(HTML) 21 Page - Texas Instruments

Back Button SN74HCS08_V03 Datasheet HTML 17Page - Texas Instruments SN74HCS08_V03 Datasheet HTML 18Page - Texas Instruments SN74HCS08_V03 Datasheet HTML 19Page - Texas Instruments SN74HCS08_V03 Datasheet HTML 20Page - Texas Instruments SN74HCS08_V03 Datasheet HTML 21Page - Texas Instruments SN74HCS08_V03 Datasheet HTML 22Page - Texas Instruments SN74HCS08_V03 Datasheet HTML 23Page - Texas Instruments SN74HCS08_V03 Datasheet HTML 24Page - Texas Instruments SN74HCS08_V03 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for optimal thermal and mechanical performance.
PACKAGE OUTLINE
4224636/A 11/2018
www.ti.com
WQFN - 0.8 mm max height
PLASTIC QUAD FLAT PACK-NO LEAD
BQA0014A
A
0.08 C
0.1
C A B
0.05
C
B
SYMM
SYMM
2.6
2.4
3.1
2.9
PIN 1 INDEX AREA
0.8
0.7
0.05
0.00
SEATING PLANE
C
1.1
0.9
1.6
1.4
2X 0.5
2X
2
8X 0.5
14X 0.3
0.2
14X 0.5
0.3
(0.2) TYP
2
6
7
8
9
13
14
1
15
PIN 1 ID
(OPTIONAL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31