| 전자부품 데이터시트 검색엔진 |
|
STM32G030C8 데이터시트(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G030C8 데이터시트(HTML) 31 Page - STMicroelectronics |
|
31 / 94 page ![]() DS12991 Rev 4 31/94 STM32G030x6/x8 Pinouts, pin description and alternate functions 34 Pin functions Alternate functions Functions selected through GPIOx_AFR registers Additional functions Functions directly selected/enabled through peripheral registers Table 11. Terms and symbols used in Table 12 (continued) Column Symbol Definition Table 12. Pin assignment and description Pin Pin name (function upon reset) Alternate functions Additional functions -- - 1 PC13 I/O FT (1)(2) TIM1_BK TAMP_IN1, RTC_TS, RTC_OUT1, WKUP2 -- - 2 PC14- OSC32_IN (PC14) I/O FT (1)(2) TIM1_BK2 OSC32_IN 12 2 - PC14- OSC32_IN (PC14) I/O FT (1)(2) TIM1_BK2 OSC32_IN, OSC_IN -3 3 3 PC15- OSC32_OUT (PC15) I/O FT (1)(2) OSC32_EN, OSC_EN OSC32_OUT - - - 4 VBAT S - - - VBAT - - - 5 VREF+ S - - - - 2 4 4 6 VDD/VDDA S - - - - 3 5 5 7 VSS/VSSA S - - - - -- - 8 PF0-OSC_IN (PF0) I/O FT - TIM14_CH1 OSC_IN -- - 9 PF1- OSC_OUT (PF1) I/O FT - OSC_EN OSC_OUT 4 6 6 10 NRST I/O FT - - NRST 47 7 11 PA0 I/O FT_a (3) SPI2_SCK, USART2_CTS, ADC_IN0, TAMP_IN2,WKUP1 48 8 12 PA1 I/O FT_ea (3) SPI1_SCK/I2S1_CK, USART2_RTS_DE_CK, I2C1_SMBA, EVENTOUT ADC_IN1 |