전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

32F072V8T6 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 32F072V8T6
상세설명  Arm®-based 32-bit MCU, up to 128 KB Flash, crystal-less USB FS 2.0, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

32F072V8T6 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button 32F072V8T6 Datasheet HTML 5Page - STMicroelectronics 32F072V8T6 Datasheet HTML 6Page - STMicroelectronics 32F072V8T6 Datasheet HTML 7Page - STMicroelectronics 32F072V8T6 Datasheet HTML 8Page - STMicroelectronics 32F072V8T6 Datasheet HTML 9Page - STMicroelectronics 32F072V8T6 Datasheet HTML 10Page - STMicroelectronics 32F072V8T6 Datasheet HTML 11Page - STMicroelectronics 32F072V8T6 Datasheet HTML 12Page - STMicroelectronics 32F072V8T6 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 128 page
background image
DS9826 Rev 6
9/128
STM32F072x8 STM32F072xB
Introduction
27
1
Introduction
This datasheet provides characteristics and ordering information of the STM32F072x8/xB
microcontrollers.
This document should be read in conjunction with the STM32F0xxxx reference manual
(RM0091). The reference manual is available from the STMicroelectronics website
www.st.com.
For information on the Arm®(a)Cortex®-M0 core, please refer to the Arm® Cortex®-M0
Technical Reference Manual, available from the www.arm.com website.
a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More