전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

28HS01GTAM03 데이터시트(PDF) 13 Page - Infineon Technologies AG

부품명 28HS01GTAM03
상세설명  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 데이터시트(HTML) 13 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 9Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 10Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 11Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 12Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 13Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 14Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 15Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 16Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 138 page
background image
Datasheet
13 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Interface overview
• In this protocol, during the period of data transfer in a read transaction, the Data Strobe (DS) signal is driven by
the flash device and transitions are synchronized (Edge aligned in DDR and center aligned in SDR protocol) with
the DQ signal data transitions. DS is used as an additional output signal with the same timing characteristics as
other data outputs but with the guarantee of transitioning with every data bit transferred.
Serial peripheral interface (SPI, 1S-1S-1S) on page 13 and SPI program transaction with command and
octal address, data input (1S-8S-8S) on page 17 show all transaction formats by protocol mode.
2.3.1
Serial peripheral interface (SPI, 1S-1S-1S)
Figure 6
SPI transaction with command input
Figure 7
SPI transaction with command and address input
Figure 8
SPI transaction with command and two input addresses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More