전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

549921 데이터시트(PDF) 1 Page - Festo Corporation.

부품명 549921
상세설명  Precision pressure regulator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FESTO [Festo Corporation.]
홈페이지  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

549921 데이터시트(HTML) 1 Page - Festo Corporation.

  549921 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Precision pressure regulator
LRP-1/4-10-EX4
Part number: 549921
Data sheet
Feature
Value
Size
50
Actuator lock
Rotary knob with detent
Mounting position
Any
Structural design
Pilot-controlled precision diaphragm regulator
Controller function
Outlet pressure constant
With secondary exhausting
Symbol
00991540
Pressure gauge
G1/8 prepared
Operating pressure
0.1 MPa ... 1.2 MPa
Operating pressure
1 bar ... 12 bar
Pressure regulation range
0.1 bar ... 10 bar
Max. pressure hysteresis
0.02 bar
Standard nominal flow rate
2300 l/min
Explosion prevention and protection
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Inert gas
Information on operating and pilot media
Operation with oil lubrication not possible
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Temperature of medium
-10 °C ... 60 °C
Ambient temperature
-10 °C ... 60 °C
Product weight
315 g
Type of mounting
Optionally:
Front panel mounting
Line installation
With accessories
Pneumatic connection 1
G1/4
Pneumatic connection 2
G¼
Note on materials
RoHS-compliant
Seals material
NBR
Housing material
Die-cast aluminum
3/23/22 - Subject to change - Festo SE & Co. KG
1/1


유사한 부품 번호 - 549921

제조업체부품명데이터시트상세설명
logo
Festo Corporation.
549920 FESTO-549920 Datasheet
87Kb / 1P
Precision pressure regulator
3/23/22
logo
TE Connectivity Ltd
5499206-1 TEC-5499206-1 Datasheet
83Kb / 2P
Universal Ejection Style Pin Headers, Military, Center and Dual Polarized, .100 x .100 [2.54 x 2.54] Centerlines
Revised 4-12
5499206-2 TEC-5499206-2 Datasheet
83Kb / 2P
Universal Ejection Style Pin Headers, Military, Center and Dual Polarized, .100 x .100 [2.54 x 2.54] Centerlines
Revised 4-12
5499206-3 TEC-5499206-3 Datasheet
83Kb / 2P
Universal Ejection Style Pin Headers, Military, Center and Dual Polarized, .100 x .100 [2.54 x 2.54] Centerlines
Revised 4-12
5499206-4 TEC-5499206-4 Datasheet
83Kb / 2P
Universal Ejection Style Pin Headers, Military, Center and Dual Polarized, .100 x .100 [2.54 x 2.54] Centerlines
Revised 4-12
More results

유사한 설명 - 549921

제조업체부품명데이터시트상세설명
logo
Festo Corporation.
534988 FESTO-534988 Datasheet
92Kb / 1P
Precision pressure regulator
3/18/22
534990 FESTO-534990 Datasheet
91Kb / 1P
Precision pressure regulator
3/18/22
534993 FESTO-534993 Datasheet
91Kb / 1P
Precision pressure regulator
3/18/22
534994 FESTO-534994 Datasheet
92Kb / 1P
Precision pressure regulator
3/18/22
538008 FESTO-538008 Datasheet
92Kb / 1P
Precision pressure regulator
3/18/22
538016 FESTO-538016 Datasheet
92Kb / 1P
Precision pressure regulator
3/18/22
538022 FESTO-538022 Datasheet
92Kb / 1P
Precision pressure regulator
3/18/22
538030 FESTO-538030 Datasheet
93Kb / 1P
Precision pressure regulator
3/18/22
538038 FESTO-538038 Datasheet
93Kb / 1P
Precision pressure regulator
3/18/22
538039 FESTO-538039 Datasheet
92Kb / 1P
Precision pressure regulator
3/18/22
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com