전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MF3ICDX21 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 MF3ICDX21
상세설명  MIFARE DESFire EV1 contactless multi-application IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF3ICDX21 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button MF3ICDX21 Datasheet HTML 7Page - NXP Semiconductors MF3ICDX21 Datasheet HTML 8Page - NXP Semiconductors MF3ICDX21 Datasheet HTML 9Page - NXP Semiconductors MF3ICDX21 Datasheet HTML 10Page - NXP Semiconductors MF3ICDX21 Datasheet HTML 11Page - NXP Semiconductors MF3ICDX21 Datasheet HTML 12Page - NXP Semiconductors MF3ICDX21 Datasheet HTML 13Page - NXP Semiconductors MF3ICDX21 Datasheet HTML 14Page - NXP Semiconductors MF3ICDX21 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MF3ICDX21_41_81_SDS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.2 — 9 December 2015
145632
11 of 18
NXP Semiconductors
MF3ICDx21_41_81
MIFARE DESFire EV1 contactless multi-application IC
9.5 MIFARE DESFire EV1 command set overview – application level
commands
Remark: All command and data frames are exchanged between MIFARE DESFire EV1
and PCD by using block format as defined in ISO/IEC 14443-4.
9.6 MIFARE DESFire EV1 command set overview – data manipulation
commands
Table 8.
Application level commands
Command
Description
Get FileIDs
returns the File IDentifiers of all active files within the currently selected
application
Get FileSettings
gets information on the properties of a specific file
Change FileSettings
changes the access parameters of an existing file
Create StdDataFile
creates files for the storage of plain unformatted user data within an
existing application on the MIFARE DESFire EV1
Create
BackupDataFile
creates files for the storage of plain unformatted user data within an
existing application on the MIFARE DESFire EV1, additionally supporting
the feature of an integrated backup mechanism
Create ValueFile
creates files for the storage and manipulation of 32-bit signed integer
values within an existing application on the MIFARE DESFire EV1
Create
LinearRecordFile
creates files for multiple storage of similar structural data, for example,
loyalty programs within an existing application on the MIFARE DESFire
EV1; once the file is filled completely with data records, further writing to
the file is not possible unless it is cleared
Create
CyclicRecordFile
creates files for multiple storage of similar structural data, for example,
logging transactions within an existing application on the MIFARE DESFire
EV1; once the file is filled completely with data records, the MIFARE
DESFire EV1 automatically overwrites the oldest record with the latest
written one (this wrap is fully transparent for the PCD)
DeleteFile
permanently deactivates a file within the file directory of the currently
selected application
Table 9.
Data manipulation commands
Command
Description
Read Data
reads data from Standard Data files or Backup Data files
Write Data
writes data to Standard Data files or Backup Data files
Get Value
reads the currently stored value from Value files
Credit
increases a value stored in a Value file
Debit
decreases a value stored in a Value file
Limited Credit
allows a limited increase of a value stored in a Value file without
having full Credit permissions to the file
Write Record
writes data to a record in a Cyclic or Linear Record file
Read Records
reads out a set of complete records from a Cyclic or Linear Record
file



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18