| 전자부품 데이터시트 검색엔진 |
|
PCF8545ATT 데이터시트(PDF) 42 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8545ATT 데이터시트(HTML) 42 Page - NXP Semiconductors |
|
42 / 68 page ![]() NXP Semiconductors PCF8545 Universal LCD driver for multiplex rates up to 1:8 013aaa466 command byte Bias sytem = 1/3 B[1:0] = 11 unused R/W SA SCL SDI CE b7 1 b6 0 b5 1 b4 0 b3 0 b2 0 b1 0 b0 0 b7 0 b6 0 b5 0 b4 0 b3 0 b2 0 b1 0 b0 0 b7 0 b6 0 b5 0 b4 0 b3 0 b2 1 b1 1 b0 1 In this example, the bias system is set to 1⁄3. The transfer is terminated by CE returning to logic 1. After the last bit is transmitted, the state of the SDI line is not important. Figure 34. SPI-bus example 9 Internal circuitry A0, RESET, OSCCLK VDD VSS aaa-008328 BP0 to BP7, S0 to S39 VLCD VSS VLCD, VDD, SCL, SDA VSS Figure 35. Device protection diagram for PCF8545A CE, RESET, OSCCLK VDD VSS BP0 to BP7, S0 to S39 VLCD VSS SDI, SCL VLCD,VDD VSS aaa-008329 Figure 36. Device protection diagram for PCF8545B 10 Safety notes CAUTION This device is sensitive to ElectroStatic Discharge (ESD). Observe precautions for handling electrostatic sensitive devices. Such precautions are described in the ANSI/ESD S20.20, IEC/ST 61340-5, JESD625-A or equivalent standards. PCF8545 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 2 — 4 October 2021 42 / 68 |