전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SC18IM704 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 SC18IM704
상세설명  UART to I2C-bus bridge
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC18IM704 데이터시트(HTML) 1 Page - NXP Semiconductors

  SC18IM704 Datasheet HTML 1Page - NXP Semiconductors SC18IM704 Datasheet HTML 2Page - NXP Semiconductors SC18IM704 Datasheet HTML 3Page - NXP Semiconductors SC18IM704 Datasheet HTML 4Page - NXP Semiconductors SC18IM704 Datasheet HTML 5Page - NXP Semiconductors SC18IM704 Datasheet HTML 6Page - NXP Semiconductors SC18IM704 Datasheet HTML 7Page - NXP Semiconductors SC18IM704 Datasheet HTML 8Page - NXP Semiconductors SC18IM704 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
SC18IM704
UART to I2C-bus bridge
Rev. 1.0 — 22 September 2021
Product data sheet
1 General description
SC18IM704 is designed to serve as an interface between the standard UART port of a
microcontroller or microprocessor and the serial I2C-bus; this allows the microcontroller
or microprocessor to communicate directly with other I2C-bus devices. SC18IM704 can
operate as an I2C-bus controller. SC18IM704 controls all the I2C-bus specific sequences,
protocol, arbitration and timing. The host communicates with SC18IM704 with ASCII
messages protocol; this makes the control sequences from the host to SC18IM704
become very simple.
SC18IM704 is a functional replacement for SC18IM700 with exception of:
• New pinout
• GPIO no longer has quasi bidirectional mode
• Lower operating supply voltage level (1.71 V vs 2.4 V)
• Temperature range of -40 to +105 °C vs -40 to +85 °C
• Device is rotated 180 degrees in the tape pocket; pin 1 is now in Quadrant 1
2 Features and benefits
• UART host interface
• I2C-bus controller
• Eight programmable I/O pins
• High-speed UART: baud rate up to 460.8 kbit/s
• Fast-mode I2C-bus: 375 kHz
• 256-byte TX FIFO
• 256-byte RX FIFO
• Programmable baud rate generator
• 1.71 V and 3.6 V operation
• Sleep mode (power-down)
• UART message format resembles I2C-bus transaction format
• I2C-bus controller functions
• Multi-controller capability
• 5 V tolerance on the input pins
• 8 N 1 UART format (8 data bits, no parity bit, 1 stop bit)
• ESD protection exceeds 2000 V HBM per JESD22-A114
• Latch-up testing is done to JEDEC Standard JESD78 that exceeds 100 mA
• Available in TSSOP16 package


유사한 부품 번호 - SC18IM704

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
SC18IM700 PHILIPS-SC18IM700 Datasheet
108Kb / 21P
Master I-2C - bus controller with UART interface
Rev. 01-28 February 2006
SC18IM700 NXP-SC18IM700 Datasheet
127Kb / 22P
Master I2C-bus controller with UART interface
Rev. 02-10 August 2007
SC18IM700 NXP-SC18IM700 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
SC18IM700IPW PHILIPS-SC18IM700IPW Datasheet
108Kb / 21P
Master I-2C - bus controller with UART interface
Rev. 01-28 February 2006
SC18IM700IPW NXP-SC18IM700IPW Datasheet
127Kb / 22P
Master I2C-bus controller with UART interface
Rev. 02-10 August 2007
More results

유사한 설명 - SC18IM704

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
SC18IM700 NXP-SC18IM700 Datasheet
127Kb / 22P
Master I2C-bus controller with UART interface
Rev. 02-10 August 2007
SC18IS602 NXP-SC18IS602 Datasheet
140Kb / 25P
I2C-bus to SPI bridge
Rev. 04-11 March 2008
SC18IS602B_1008 NXP-SC18IS602B_1008 Datasheet
217Kb / 25P
I2C-bus to SPI bridge
Rev. 5-3 August 2010
logo
Future Technology Devic...
FT260Q-R FTDI-FT260Q-R Datasheet
2Mb / 61P
HID-class USB to UART/I2C Bridge IC
FT260S-U FTDI-FT260S-U Datasheet
2Mb / 61P
HID-class USB to UART/I2C Bridge IC
T260Q-T FTDI-T260Q-T Datasheet
2Mb / 61P
HID-class USB to UART/I2C Bridge IC
logo
NXP Semiconductors
SC18IS604 NXP-SC18IS604 Datasheet
503Kb / 29P
SPI to I2C-bus bridge
Rev.1.0-22 September 2021
SC18IS606 NXP-SC18IS606 Datasheet
443Kb / 27P
I2C-bus to SPI bridge
Rev.1.0-15 September 2021
SC18IS602B NXP-SC18IS602B Datasheet
250Kb / 25P
I2C-bus to SPI bridge
Rev. 7-21 October 2019
logo
Diodes Incorporated
PI7C9X760 DIODES-PI7C9X760 Datasheet
3Mb / 53P
I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
Rev 6 - 2 April 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com