전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BES05ZW 데이터시트(PDF) 1 Page - Balluff Korea Ltd.

부품명 BES05ZW
상세설명  Smart Automation and Monitoring System Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BALLUFF [Balluff Korea Ltd.]
홈페이지  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES05ZW 데이터시트(HTML) 1 Page - Balluff Korea Ltd.

  BES05ZW Datasheet HTML 1Page - Balluff Korea Ltd. BES05ZW Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Smart Automation and Monitoring System
Inductive Sensors
BES M12EG1-L01C80F-S04G-L04
Order Code: BES05ZW
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 284216
ETIM 6.0: EC002714
BES05ZW_0.18_2022-01-12
1 / 2
Basic features
Application
Object detection
Approval/Conformity
CE
EAC
cULus
IO-Link
WEEE
Ecolab
Basic standard
IEC 60947-5-2
Operating mode
SIO Mode
IO-Link Mode
Scope of delivery
2x nut M12x1
Display/Operation
Function indicator
yes
Power indicator
no
Electrical connection
Connection
M12x1-Male, 4-pin, A-coded
Polarity reversal protected
yes
Protection against device mix-ups
yes
Short-circuit protection
yes
Electrical data
Load capacitance max. at Ue
0.25 µF
Operating voltage Ub
10...30 VDC
Rated operating current Ie
100 mA
Rated operating voltage Ue DC
24 V DC
Rated short circuit current
100 A
Ready delay tv max.
300 ms
Ripple max. (% of Ue)
10 %
Switching frequency
1000 Hz
Utilization category
DC -13
Voltage drop static max.
1.5 V
Environmental conditions
Ambient temperature
-40...85 °C
Contamination scale
3
EN 60068-2-27, Shock
Half-sinus, 30 g , 11 ms
EN 60068-2-6, Vibration
55 Hz, amplitude 1 mm, 3x30 min
IP rating
IP68, IP69K
Functional safety
MTTF (40 °C)
380.7 a
n


유사한 부품 번호 - BES05ZW

제조업체부품명데이터시트상세설명
logo
Balluff Korea Ltd.
BES05Z0 BALLUFF-BES05Z0 Datasheet
110Kb / 2P
Inductive Sensors
0.23_2022-05-17
BES05Z1 BALLUFF-BES05Z1 Datasheet
103Kb / 2P
Inductive Sensors
2023-07-18
BES05Z2 BALLUFF-BES05Z2 Datasheet
103Kb / 2P
Inductive Sensors
2023-07-18
BES05Z3 BALLUFF-BES05Z3 Datasheet
103Kb / 2P
Inductive Sensors
2023-07-18
BES05Z4 BALLUFF-BES05Z4 Datasheet
103Kb / 2P
Inductive Sensors
2023-07-18
More results

유사한 설명 - BES05ZW

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
M61040FP MITSUBISHI-M61040FP Datasheet
181Kb / 25P
Smart battery protection and monitoring IC
logo
Renesas Technology Corp
M61040FP RENESAS-M61040FP Datasheet
250Kb / 25P
Smart Battery Protection and Monitoring IC
logo
Balluff Korea Ltd.
BES05WY BALLUFF-BES05WY Datasheet
118Kb / 2P
Smart Automation and Monitoring System Inductive Sensors
BES05Y7 BALLUFF-BES05Y7 Datasheet
117Kb / 2P
Smart Automation and Monitoring System Inductive Sensors
BIS01E2 BALLUFF-BIS01E2 Datasheet
124Kb / 2P
Smart Automation and Monitoring System
BIS01E5 BALLUFF-BIS01E5 Datasheet
118Kb / 2P
Smart Automation and Monitoring System
BIS01E6 BALLUFF-BIS01E6 Datasheet
119Kb / 2P
Smart Automation and Monitoring System
BIS01E7 BALLUFF-BIS01E7 Datasheet
120Kb / 2P
Smart Automation and Monitoring System
BDG0291 BALLUFF-BDG0291 Datasheet
138Kb / 2P
Smart Automation and Monitoring System Position Indicator
BES0601 BALLUFF-BES0601 Datasheet
118Kb / 2P
Smart Automation and Monitoring System Inductive Sensors
0.26_2022-06-02
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com