전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSK-S5 데이터시트(PDF) 3 Page - CUI INC

부품명 FSK-S5
상세설명  AC-DC converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CUI [CUI INC]
홈페이지  http://www.cui.com
Logo CUI - CUI INC

FSK-S5 데이터시트(HTML) 3 Page - CUI INC

  FSK-S5 Datasheet HTML 1Page - CUI INC FSK-S5 Datasheet HTML 2Page - CUI INC FSK-S5 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
20.32 0.800
10.16 0.400
45.72 1.800
2
4
NO pin
RoHS
Website: www.cui.com
Single Output
3
-V out
AC (L)
AC (N)
±0.3mm UNLESS OTHERWISE
1
+V out
5
B
SPECIFIED
TOLERANCE:
PIN ASSIGNMENTS
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
Pin Number
MM [INCHES]
FSK-S5
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
FSK-S5
JMS
SCALE:
1:1
AC-DC Converter
COPYRIGHT 2008 BY CUI INC.
TITLE:
PART NO.
REV:
IN
2
1
4
5
OUT
25.40 1.000
(4 PLCS)
0.039
1.00
(4 PLCS)
5.08 0.200
R0.30 0.012
(TYP)
15.24 0.600
50.8 2.000
Notes:
1. All dimensions are in mm [inches]
2. Weight: 40g or less
3. Case material : PBT, UL94V-0
4. Construction: Encapsulated soft pot
B
REV.
DESCRIPTION
DATE
A
NEW DRAWING
9/13/2007
B
added pin diameter dimension
6/27/2008
Additional Resources: Product Page



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com