| 전자부품 데이터시트 검색엔진 |
|
ADM7150ACPZ-4.8-R2 데이터시트(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADM7150ACPZ-4.8-R2 데이터시트(HTML) 3 Page - Analog Devices |
|
3 / 24 page ![]() Data Sheet ADM7150 SPECIFICATIONS VIN = VOUT + 1.2 V or VIN = 4.5 V, whichever is greater, VEN = VIN, IOUT = 10 mA, CIN = COUT = CREG = 10 µF, CREF = CBYP = 1 µF. TA = 25°C for typical specifications. TJ = −40°C to +125°C for minimum/maximum specifications, unless otherwise noted. Table 1. Parameter Symbol Test Conditions/Comments Min Typ Max Unit INPUT VOLTAGE RANGE VIN 4.5 16 V OPERATING SUPPLY CURRENT IGND IOUT = 0 µA 4.3 7.0 mA IOUT = 800 mA 8.6 12 mA SHUTDOWN CURRENT IIN-SD VEN = 0 V 0.1 3 µA OUTPUT NOISE OUTNOISE 10 Hz to 100 kHz, independent of output voltage 1.6 µV rms 100 Hz to 100 kHz, independent of output voltage 1.0 µV rms NOISE SPECTRAL DENSITY NSD 10 kHz to 1 MHz, independent of output voltage 1.7 nV/√Hz POWER SUPPLY REJECTION RATIO PSRR 1 kHz to 100 kHz, VIN = 6.2 V, VOUT = 5 V at 800 mA 86 dB 1 MHz, VIN = 6.2 V, VOUT = 5 V at 800 mA 54 dB 1 kHz to 100 kHz, VIN = 6.2 V, VOUT = 5 V at 400 mA 95 dB 1 MHz, VIN = 6.2 V, VOUT = 5 V at 400 mA 62 dB 1 kHz to 100 kHz, VIN = 5 V, VOUT = 3.3 V at 800 mA 94 dB 1 MHz, VIN = 5 V, VOUT = 3.3 V at 800 mA 62 dB 1 kHz to 100 kHz, VIN = 5 V, VOUT = 3.3 V at 400 mA 95 dB 1 MHz, VIN = 5 V, VOUT = 3.3 V at 400 mA 68 dB VOUT VOLTAGE ACCURACY VOUT = VREF Voltage Accuracy VOUT IOUT = 10 mA, TJ = 25°C −1 +1 % 1 mA < IOUT < 800 mA, over line, load and temperature −2 +2 % VOUT REGULATION Line Regulation ΔVOUT/ΔVIN VIN = VOUT + 1.2 V or VOUT + 4.5 V, whichever is greater, to 16 V −0.01 +0.01 %/V Load Regulation1 ΔVOUT/ΔIOUT IOUT = 1 mA to 800 mA 0.4 1.0 %/A VOUT CURRENT-LIMIT THRESHOLD2 ILIMIT 1.0 1.2 1.6 A DROPOUT VOLTAGE3 VDROPOUT IOUT = 400 mA, VOUT = 5 V 0.3 0.5 V IOUT = 800 mA, VOUT = 5 V 0.6 1.0 V PULL-DOWN RESISTANCE VOUT Pull-Down Resistance VOUT-PULL VEN = 0 V, VOUT = 1 V 600 Ω VREG Pull-Down Resistance VREG-PULL VEN = 0 V, VREG = 1 V 34 kΩ VREF Pull-Down Resistance VREF-PULL VEN = 0 V, VREF = 1 V 800 Ω VBYP Pull-Down Resistance VBYP-PULL VEN = 0 V, VBYP = 1 V 500 Ω START-UP TIME4 VOUT = 5 V VOUT Start-Up Time tSTART-UP 2.8 ms VREG Start-Up Time tREG-START-UP 1.0 ms VREF Start-Up Time tREF-START-UP 1.8 ms THERMAL SHUTDOWN Thermal Shutdown Threshold TSSD TJ rising 155 °C Thermal Shutdown Hysteresis TSSD-HYS 15 °C UNDERVOLTAGE THRESHOLDs Input Voltage Rising UVLORISE 4.49 V Input Voltage Falling UVLOFALL 3.85 V Hysteresis UVLOHYS 240 mV VREG5 UNDERVOLTAGE THRESHOLDS VREG Rise VREGUVLORISE 3.1 V VREG Fall VREGUVLOFALL 2.55 V Hysteresis VREGUVLOHYS 210 mV Rev. 0 | Page 3 of 24 |