전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM7154ACPZ-3.3-R7 데이터시트(PDF) 21 Page - Analog Devices

부품명 ADM7154ACPZ-3.3-R7
상세설명  600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM7154ACPZ-3.3-R7 데이터시트(HTML) 21 Page - Analog Devices

Back Button ADM7154ACPZ-3.3-R7 Datasheet HTML 15Page - Analog Devices ADM7154ACPZ-3.3-R7 Datasheet HTML 16Page - Analog Devices ADM7154ACPZ-3.3-R7 Datasheet HTML 17Page - Analog Devices ADM7154ACPZ-3.3-R7 Datasheet HTML 18Page - Analog Devices ADM7154ACPZ-3.3-R7 Datasheet HTML 19Page - Analog Devices ADM7154ACPZ-3.3-R7 Datasheet HTML 20Page - Analog Devices ADM7154ACPZ-3.3-R7 Datasheet HTML 21Page - Analog Devices ADM7154ACPZ-3.3-R7 Datasheet HTML 22Page - Analog Devices ADM7154ACPZ-3.3-R7 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Data Sheet
ADM7154
Rev. B | Page 21 of 23
PCB LAYOUT CONSIDERATIONS
Place the input capacitor as close as possible to the VIN and
GND pins. Place the output capacitor as close as possible to the
VOUT and GND pins. Place the bypass capacitors (CREG, CREF,
and CBYP) for VREG, VREF, and VBYP close to the respective pins
(VREG, REF, and BYP) and GND. Use of an 0805, 0603, or
0402 size capacitor achieves the smallest possible footprint
solution on boards where area is limited.
Figure 63. Example 8-Lead LFCSP PCB Layout
Figure 64. Example 8-Lead SOIC PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23