전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC5602BAMLL4R 데이터시트(PDF) 67 Page - NXP Semiconductors

부품명 MPC5602BAMLL4R
상세설명  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5602BAMLL4R 데이터시트(HTML) 67 Page - NXP Semiconductors

Back Button MPC5602BAMLL4R Datasheet HTML 63Page - NXP Semiconductors MPC5602BAMLL4R Datasheet HTML 64Page - NXP Semiconductors MPC5602BAMLL4R Datasheet HTML 65Page - NXP Semiconductors MPC5602BAMLL4R Datasheet HTML 66Page - NXP Semiconductors MPC5602BAMLL4R Datasheet HTML 67Page - NXP Semiconductors MPC5602BAMLL4R Datasheet HTML 68Page - NXP Semiconductors MPC5602BAMLL4R Datasheet HTML 69Page - NXP Semiconductors MPC5602BAMLL4R Datasheet HTML 70Page - NXP Semiconductors MPC5602BAMLL4R Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 109 page
background image
Package pinouts and signal descriptions
MPC5604B/C Microcontroller Data Sheet, Rev. 15
NXP Semiconductors
67
Figure 16. Crystal oscillator and resonator connection scheme
Figure 17. Equivalent circuit of a quartz crystal
Table 38. Crystal motional characteristics1
1 Crystal used: Epson Toyocom MC306
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
Lm
Motional inductance
—
—
11.796
—
KH
Cm
Motional capacitance
—
—
2
—
fF
C1/C2 Load capacitance at OSC32K_XTAL and
OSC32K_EXTAL with respect to ground2
—18
—
28
pF
Rm
3
Motional resistance
AC coupled @ C0 = 2.85 pF4
——
65
k
Ω
AC coupled @ C0 = 4.9 pF4
——
50
AC coupled @ C0 = 7.0 pF4
——
35
AC coupled @ C0 = 9.0 pF4
——
30
OSC32K_XTAL
OSC32K_EXTAL
DEVICE
C2
C1
OSC32K_XTAL
OSC32K_EXTAL
DEVICE
Note: OSC32K_XTAL/OSC32K_EXTAL must not be directly used to drive external circuits.
C0
C2
C1
C2
Rm
C1
Lm
Cm
Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More