| 전자부품 데이터시트 검색엔진 |
|
AM6421 데이터시트(PDF) 14 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6421 데이터시트(HTML) 14 Page - Texas Instruments |
|
14 / 235 page ![]() 10. I/O OPERATING VOLTAGE: This column describes I/O operating voltage options of the respective power supply, when applicable. An empty box means Not Applicable. For more information, see valid operating voltage range(s) defined for each power supply in Section 7.4, Recommended Operating Conditions. 11. POWER: The power supply of the associated I/O, when applicable. An empty box means Not Applicable. 12. HYS: Indicates if the input buffer associated with this I/O has hysteresis: • Yes: With hysteresis • No: Without hysteresis • An empty box means Not Applicable. For more information, see the hysteresis values in Section 7.7, Electrical Characteristics. 13. BUFFER TYPE: This column defines the buffer type associated with a terminal. This information can be used to determine which Electrical Characteristics table is applicable. An empty box means Not Applicable. For electrical characteristics, refer to the appropriate buffer type table in Section 7.7, Electrical Characteristics. 14. PULL UP/DOWN TYPE: Indicates the presence of an internal pullup or pulldown resistor. Pullup and pulldown resistors can be enabled or disabled via software. • PU: Internal pull-up • PD: Internal pull-down • PU/PD: Internal pull-up and pull-down • An empty box means No internal pull. 15. PADCONFIG Register:Name of the IO pad configuration register associated with Ball. 16. PADCONFIG Address:Physical address of the IO pad configuration register associated with Ball. AM6442, AM6441, AM6421, AM6412, AM6411 SPRSP56C – JANUARY 2021 – REVISED FEBRUARY 2022 www.ti.com 14 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411 |