전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BSP00Y3 데이터시트(PDF) 2 Page - Balluff Korea Ltd.

부품명 BSP00Y3
상세설명  Pressure Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BALLUFF [Balluff Korea Ltd.]
홈페이지  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BSP00Y3 데이터시트(HTML) 2 Page - Balluff Korea Ltd.

  BSP00Y3 Datasheet HTML 1Page - Balluff Korea Ltd. BSP00Y3 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Pressure Sensors
BSP B005-EV009-P00S2B-S4
Order Code: BSP00Y3
Internet
www.balluff.com
eCl@ss 9.1: 27-20-13-02
Subject to change without notice: 266043
ETIM 6.0: EC000243
BSP00Y3_0.57_2021-08-31
2 / 2
Material
Connector housing, material
1.4301 stainless steel
Gasket, material
FKM
Housing material
1.4301 stainless steel
PE, High-density polyethylene
Measuring cell, material
Ceramic Al2O3
Process connection material
1.4301 stainless steel
Mechanical data
Process connection
G 1/4" (DIN 3852)
Tightening torque max.
5 Nm
Weight
230.00 g
Range/Distance
Accuracy
±0.5 % FSO BFSL
Burst pressure
15 bar
Long-term stability max.
0.3 % FSO/year
Measuring range
0...5 bar
Overload pressure
10 bar
Repeat accuracy
≤ ± 0.2 % FSO
Resolution
≤ 14 bits
Response time max.
13 ms
Sampling rate
1 ms
Remarks
vacuum-tight
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams
Out 1=PNP/NPN/IO-Link
Out 2=PNP/NPN/4…20 mA/0…10 V



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com