전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

24FC64T-E/P 데이터시트(PDF) 28 Page - Microchip Technology

부품명 24FC64T-E/P
상세설명  64-Kbit I2C Serial EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC64T-E/P 데이터시트(HTML) 28 Page - Microchip Technology

Back Button 24FC64T-E/P Datasheet HTML 24Page - Microchip Technology 24FC64T-E/P Datasheet HTML 25Page - Microchip Technology 24FC64T-E/P Datasheet HTML 26Page - Microchip Technology 24FC64T-E/P Datasheet HTML 27Page - Microchip Technology 24FC64T-E/P Datasheet HTML 28Page - Microchip Technology 24FC64T-E/P Datasheet HTML 29Page - Microchip Technology 24FC64T-E/P Datasheet HTML 30Page - Microchip Technology 24FC64T-E/P Datasheet HTML 31Page - Microchip Technology 24FC64T-E/P Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
24AA64/24FC64/24LC64
DS20001189U-page 28
 1997-2022 Microchip Technology Inc. and its subsidiaries
RECOMMENDED LAND PATTERN
Dimension Limits
Units
Contact Pitch
MILLIMETERS
0.65 BSC
MIN
E
MAX
Contact Pad Length (X8)
Contact Pad Width (X8)
Y
X
1.45
0.45
NOM
C
Contact Pad Spacing
4.40
Contact Pad to Contact Pad (X4)
G1
2.95
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
1.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
E
C
Contact Pad to Contact Pad (X6)
GX
0.20
X
Y
G1
GX
SILK SCREEN
8-Lead Plastic Micro Small Outline Package (MS) - 3x3 mm Body [MSOP]
Microchip Technology Drawing C04-2111-MS Rev D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51