| 전자부품 데이터시트 검색엔진 |
|
STLC30R81 데이터시트(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC30R81 데이터시트(HTML) 15 Page - STMicroelectronics |
|
15 / 17 page ![]() 15/17 STLC30R81 OUTLINE AND MECHANICAL DATA DIM. mm inch MIN. TYP. MAX. MIN. TYP. MAX. A 1.60 0.063 A1 0.05 0.15 0.002 0.006 A2 1.35 1.40 1.45 0.053 0.055 0.057 b 0.30 0.37 0.45 0.012 0.014 0.018 c 0.09 0.20 0.003 0.008 D 11.80 12.00 12.20 0.464 0.472 0.480 D1 9.80 10.00 10.20 0.386 0.394 0.401 D3 8.00 0.315 e 0.80 0.031 E 11.80 12.00 12.20 0.464 0.472 0.480 E1 9.80 10.00 10.20 0.386 0.394 0.401 E3 8.00 0.315 H 5.89 0.232 L 0.45 0.60 0.75 0.018 0.024 0.030 L1 1.00 0.039 S 6.00 0.236 S1 6.00 0.236 K 0˚ (min.), 3.5˚ (typ.), 7˚(max.) ccc 0.10 0.004 TQFP44 (10x10x1.40mm) with Slug Down 0049510 D |