전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PPC5604BAMMG4R 데이터시트(PDF) 53 Page - NXP Semiconductors

부품명 PPC5604BAMMG4R
상세설명  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PPC5604BAMMG4R 데이터시트(HTML) 53 Page - NXP Semiconductors

Back Button PPC5604BAMMG4R Datasheet HTML 49Page - NXP Semiconductors PPC5604BAMMG4R Datasheet HTML 50Page - NXP Semiconductors PPC5604BAMMG4R Datasheet HTML 51Page - NXP Semiconductors PPC5604BAMMG4R Datasheet HTML 52Page - NXP Semiconductors PPC5604BAMMG4R Datasheet HTML 53Page - NXP Semiconductors PPC5604BAMMG4R Datasheet HTML 54Page - NXP Semiconductors PPC5604BAMMG4R Datasheet HTML 55Page - NXP Semiconductors PPC5604BAMMG4R Datasheet HTML 56Page - NXP Semiconductors PPC5604BAMMG4R Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 109 page
background image
Package pinouts and signal descriptions
MPC5604B/C Microcontroller Data Sheet, Rev. 15
NXP Semiconductors
53
Figure 11. VDD_HV and VDD_BV maximum slope
When STANDBY mode is used, further constraints are applied to the both VDD_HV and VDD_BV in order
to guarantee correct regulator function during STANDBY exit. This is described on Figure 12.
STANDBY regulator constraints should normally be guaranteed by implementing equivalent of CSTDBY
capacitance on application board (capacitance and ESR typical values), but would actually depend on
exact characteristics of application external regulator.
Figure 12. VDD_HV and VDD_BV supply constraints during STANDBY mode exit
VDD_HV
t
d
d
VDD
POWER UP
POWER DOWN
VDD_HV(MAX)
FUNCTIONAL RANGE
VDD_HV(MIN)
VDD_HV
VDD_HV(MIN)
ΔVDD(STDBY)
VDD_HV
VDD_HV(MAX)
VDD_LV
t
d
d
VDD STDBY
()
ΔVDD(STDBY)
VDD_LV(NOMINAL)
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More