| 전자부품 데이터시트 검색엔진 |
|
PPC5604BAVLH6R 데이터시트(PDF) 16 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PPC5604BAVLH6R 데이터시트(HTML) 16 Page - NXP Semiconductors |
|
16 / 109 page ![]() MPC5604B/C Microcontroller Data Sheet, Rev. 15 Package pinouts and signal descriptions NXP Semiconductors 16 PB[0] PCR[16] AF0 AF1 AF2 AF3 GPIO[16] CAN0TX — — SIUL FlexCAN_0 — — I/O O — — M Tristate 14142331 N3 PB[1] PCR[17] AF0 AF1 AF2 AF3 — — GPIO[17] — — — WKPU[4]4 CAN0RX SIUL — — — WKPU FlexCAN_0 I/O — — — I I S Tristate 15152432 N1 PB[2] PCR[18] AF0 AF1 AF2 AF3 GPIO[18] LIN0TX SDA — SIUL LINFlex_0 I2C_0 — I/O O I/O — M Tristate 64 64 100 144 B2 PB[3] PCR[19] AF0 AF1 AF2 AF3 — — GPIO[19] — SCL — WKPU[11]4 LIN0RX SIUL — I2C_0 — WKPU LINFlex_0 I/O — I/O — I I S Tristate 1111 C3 PB[4] PCR[20] AF0 AF1 AF2 AF3 — GPIO[20] — — — GPI[0] SIUL — — — ADC I — — — I I Tristate 32325072 T16 PB[5] PCR[21] AF0 AF1 AF2 AF3 — GPIO[21] — — — GPI[1] SIUL — — — ADC I — — — I I Tristate 35 — 53 75 R16 PB[6] PCR[22] AF0 AF1 AF2 AF3 — GPIO[22] — — — GPI[2] SIUL — — — ADC I — — — I I Tristate 36 — 54 76 P15 PB[7] PCR[23] AF0 AF1 AF2 AF3 — GPIO[23] — — — GPI[3] SIUL — — — ADC I — — — I I Tristate 37355577 P16 Table 5. Functional port pin descriptions (continued) Pin number |