전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PI6C49CB01Q 데이터시트(PDF) 5 Page - Diodes Incorporated

부품명 PI6C49CB01Q
상세설명  Automotive AEC-Q100 Qualified 1-to-1 Differential-to-LVCMOS/LVTTL Translator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6C49CB01Q 데이터시트(HTML) 5 Page - Diodes Incorporated

  PI6C49CB01Q Datasheet HTML 1Page - Diodes Incorporated PI6C49CB01Q Datasheet HTML 2Page - Diodes Incorporated PI6C49CB01Q Datasheet HTML 3Page - Diodes Incorporated PI6C49CB01Q Datasheet HTML 4Page - Diodes Incorporated PI6C49CB01Q Datasheet HTML 5Page - Diodes Incorporated PI6C49CB01Q Datasheet HTML 6Page - Diodes Incorporated PI6C49CB01Q Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.diodes.com
September 2019
Diodes Incorporated
PI6C49CB01Q
Document Number DS42271 Rev 1-2
A product Line of
Diodes Incorporated
PI6C49CB01Q
Application Information
Wiring the differential input to accept single ended levels
Figure 1 shows how the differential input can be wired to accept single ended levels. The reference voltage V_REF = VDD/2 is generated
by the bias resistors R1, R2 and C1. This bias circuit should be located as close as possible to the input pin. The ratio of R1 and R2 might
need to be adjusted to postion the V_REF in the center of the input voltage swing. For example, if the input clock swing is only 2.5V
and VDD = 3.3V, V_REF should be 1.25V and R1/R2 = 0.609.
Figure 1. Single-ended Input to Differential Input Device
Single Ended
Clock Input
VDD
R1
1K
R2
1K
C1
0.1µ
CLK
/CLK
Thermal Information
Symbol
Description
Condition
Θ
JA
Junction-to-ambient thermal resistance
Still air
157 °C/W
Θ
JC
Junction-to-case thermal resistance
42 °C/W
Part Marking
Top mark not available at this time. To obtain advance information regarding the top mark, please contact your local sales representative.



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com