전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USB7016/KDX 데이터시트(PDF) 55 Page - Microchip Technology

부품명 USB7016/KDX
상세설명  6-Port USB 3.2 Gen 1 SmartHubTM Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7016/KDX 데이터시트(HTML) 55 Page - Microchip Technology

Back Button USB7016/KDX Datasheet HTML 51Page - Microchip Technology USB7016/KDX Datasheet HTML 52Page - Microchip Technology USB7016/KDX Datasheet HTML 53Page - Microchip Technology USB7016/KDX Datasheet HTML 54Page - Microchip Technology USB7016/KDX Datasheet HTML 55Page - Microchip Technology USB7016/KDX Datasheet HTML 56Page - Microchip Technology USB7016/KDX Datasheet HTML 57Page - Microchip Technology USB7016/KDX Datasheet HTML 58Page - Microchip Technology USB7016/KDX Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS00003740B-page 55
USB7016
APPENDIX A: REVISION HISTORY
TABLE A-1:
REVISION HISTORY
Revision Level & Date
Section/Figure/Entry
Correction
DS00003740B (03-30-22)
Cover
• Updated product title
• Added USB Billboard Device bullet
• Added USB-IF bullet
• Added Automotive as target application
• Added Multi-Host Endpoint Reflector bul-
lets
• Updated Windows compatibility list to
include Windows 11
• Updated USB 3.2 Gen 1 pins voltage tol-
erance to 1.32
Section2.1 “General Description”
Added Multi-Host Endpoint Reflector
paragraph
Figure 3-1
Corrected pins 4 and 80 as ‘NC’
Section3.2 “Pin Descriptions”
• Added note regarding pull-up/down resis-
tor values.
• Updated SPI_CLK pin description.
• Updated DP1_VBUS_MON, and
VBUS_MON_UP descriptions VBUS high
value.
• Added additional note to
VBUS_MON_UP
Section8.1 “Downstream Battery
Charging”
Replaced reference to “USB Battery Charging
with Microchip USB70xx Hubs
” with “AN2810
Configuration of USB7002/USB7006/
USB7016/ USB705x”
Section9.1 “Absolute Maximum
Ratings*”
Corrected absolute maximum range of
VCORE domain. VCORE absolute maximum
range specification erroneously had same lim-
its VCORE operational limits.
Section9.1 “Absolute Maximum
Ratings*”
Changed “Digital Core Supply Voltage
(VCORE)” to “1.2 V and Digital Core Supply
Voltage (VCORE)” since VCORE power
domain also supplies voltage to analog circu-
ity.
Section9.1 “Absolute Maximum
Ratings*”
Relaxed absolute maximum limit of XTAL from
3.63V to 4.6V
Section9.4 “Power Consumption”
Updated Power Consumption table to replace
‘TBD’ values with correct calculations.
Section9.4 “Power Consumption”
Added note about real world power consump-
tion variability.
Section9.6.1 “Power Supply and
RESET_N Sequence Timing”
Added additional clarification on
VBUS_MON_UP with respect to power
sequencing requirements.
Table 9-11
Load Capacitance updated to 10pF NOM and
Shunt Capacitance updated to 5pF NOM.
Table 9-3
Updated I and IS buffer types VIH min values.
Table 9-4
Updated treset min time to 1ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60