전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STX5188 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 STX5188
상세설명  Low-cost free-to-air satellite set-top box decoder
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STX5188 데이터시트(HTML) 2 Page - STMicroelectronics

  STX5188 Datasheet HTML 1Page - STMicroelectronics STX5188 Datasheet HTML 2Page - STMicroelectronics STX5188 Datasheet HTML 3Page - STMicroelectronics STX5188 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
STx5188
2/4
Description (continued)
The STx5188 also includes audio DACs capable of direct connection to the TV input and the
capability to operate from the same clock as the STB6000. These cost reductions have
been made without compromising ST quality standards and performance: 2-D graphics
engine, faster CPU and built-in flexible DMA have been integrated.
STx5188 application diagram



Html Pages

1 2 3 4