전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OGS10-2448 데이터시트(PDF) 3 Page - ETA-USA

부품명 OGS10-2448
상세설명  10W Isolated Model(AC500V)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETA-USA [ETA-USA]
홈페이지  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA

OGS10-2448 데이터시트(HTML) 3 Page - ETA-USA

  OGS10-2448 Datasheet HTML 1Page - ETA-USA OGS10-2448 Datasheet HTML 2Page - ETA-USA OGS10-2448 Datasheet HTML 3Page - ETA-USA  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
10W
ETA-USA
16170 Vineyard Blvd. Suite 180 Morgan Hill, CA 95037 http://www.eta-usa.com
Toll-free (US only): 800-ETA-POWR (800-382-7697) Telephone: 408 778-2793 FAX: 408-779-2753
The Power Professionals
ETA-USA
Dimension Diagram (mm)
21
15.24±0.2
15.24±0.2
+Vout
-Vout
(1.8)
21
15.24±0.2
Height of the back
side components
15.24±0.2
Label
(2)
1.3±0.1
(1.8)
1.7±0.1
COM
10.16
15.24
1.8
15.24
10.16
15.24
1.8
15.24
Adsorption
place
Adsorption
place
10.16±0.2
COM
10.16
15.24
OGD (Dual output) / SMD type (suffix "-X")
OGS (Single output) / DIP type
OGD (Dual output ) / DIP type
21
15.24±0.2
15.24±0.2
+Vin
-Vin
(2)
1.3±0.1
(1.8)
1.7±0.1
Label
OGS (Single output) / SMD type (suffix "-X")
+Vin
-Vin
-Vin
Detail dimension
(2/1)
+Vout
-Vout
Height of the back
side components
Height of the back side components
+Vout
-Vout
The Area not allowed
to mount components
or patterned
Recommended process drawing
(TOP VIEW)
0.1
0.1
1.8
Label
Label
0.7±0.1
1.7±0.1
+Vin
Recommended process drawing
(TOP VIEW)
(1.8)
Detail dimension
(2/1)
The Area not allowed
to mount components
or patterned
1.8
15.24
Recommended process drawing
(TOP VIEW)
0.7±0.1
21
15.24±0.2
1.7±0.1
+Vin
-Vin
Recommended process drawing
(TOP VIEW)
Height of the back side components
10.16±0.2
-Vout
+Vout



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com