전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HS7514 데이터시트(PDF) 1 Page - Sipex Corporation

부품명 HS7514
상세설명  14-Bit Multiplying DACs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIPEX [Sipex Corporation]
홈페이지  http://www.sipex.com
Logo SIPEX - Sipex Corporation

HS7514 데이터시트(HTML) 1 Page - Sipex Corporation

  HS7514 Datasheet HTML 1Page - Sipex Corporation HS7514 Datasheet HTML 2Page - Sipex Corporation HS7514 Datasheet HTML 3Page - Sipex Corporation HS7514 Datasheet HTML 4Page - Sipex Corporation HS7514 Datasheet HTML 5Page - Sipex Corporation HS7514 Datasheet HTML 6Page - Sipex Corporation HS7514 Datasheet HTML 7Page - Sipex Corporation HS7514 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
159
DESCRIPTION…
The SP7514 and HS3140 are precision 14-bit multiplying DACs, that provide four-quadrant
multiplication. Both parts accept both AC and DC reference voltages. The SP7514 is available
for use in commercial and industrial temperature ranges, packaged in a 20-pin SOIC. The
HS3140 is available in commercial and military temperature ranges, packaged in a 20-pin
side-brazed DIP.
s Monolithic Construction
s 14–Bit Resolution
s 0.003% Non-Linearity
s Four-Quadrant Multiplication
s Latch-up Protected
s Low Power - 30mW
s Single +15V Power Supply
96k
96k
48k
6k
20
17
SWITCHES ARE
SHOWN IN THE
HIGH STATE
1
I OUT1
R FEEDBACK
BIT 14
LSB
7
6
5
4
BIT 1
(MSB)
BIT 2 BIT 3
BIT 4
4 to 16 DECODE
3
18
GND
VDD
VREF
19
15 EQUAL
SECTIONS
2
I OUT2
96k
96k
SP7514
SP7514, HS3140
Corporation
SIGNAL PROCESSING EXCELLENCE
SP7514 and HS3140
14-Bit Multiplying DACs


유사한 부품 번호 - HS7514

제조업체부품명데이터시트상세설명
logo
Sipex Corporation
HS7512 SIPEX-HS7512 Datasheet
94Kb / 6P
Double-Buffered 12-Bit Multiplying DAC
HS7516 SIPEX-HS7516 Datasheet
127Kb / 8P
16-Bit Multiplying DACs
More results

유사한 설명 - HS7514

제조업체부품명데이터시트상세설명
logo
Sipex Corporation
HS3140 SIPEX-HS3140 Datasheet
144Kb / 7P
14-Bit Multiplying DACs
logo
Linear Technology
LTC1595 LINER-LTC1595 Datasheet
299Kb / 12P
Serial 16-Bit Multiplying DACs
logo
Sipex Corporation
HS7516 SIPEX-HS7516 Datasheet
127Kb / 8P
16-Bit Multiplying DACs
logo
Analog Devices
AD5444YRM-REEL AD-AD5444YRM-REEL Datasheet
726Kb / 28P
12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
AD5444YRMZ AD-AD5444YRMZ Datasheet
726Kb / 28P
12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
AD5446 AD-AD5446_15 Datasheet
962Kb / 29P
12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
logo
Linear Technology
LTC1595 LINER-LTC1595_15 Datasheet
254Kb / 16P
Serial 16-Bit Multiplying DACs
LTC1596 LINER-LTC1596_15 Datasheet
254Kb / 16P
Serial 16-Bit Multiplying DACs
LTC1596-1 LINER-LTC1596-1_15 Datasheet
254Kb / 16P
Serial 16-Bit Multiplying DACs
logo
Analog Devices
AD5444 AD-AD5444 Datasheet
625Kb / 28P
12-/14-Bit High Bandwidth Multiplying DACs
2/16-Rev. E to Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com