전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MDT10P721 데이터시트(PDF) 2 Page - Micon Design Technology Corporation

부품명 MDT10P721
상세설명  8-bit micro-controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MDTIC [Micon Design Technology Corporation]
홈페이지  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10P721 데이터시트(HTML) 2 Page - Micon Design Technology Corporation

  MDT10P721 Datasheet HTML 1Page - Micon Design Technology Corporation MDT10P721 Datasheet HTML 2Page - Micon Design Technology Corporation MDT10P721 Datasheet HTML 3Page - Micon Design Technology Corporation MDT10P721 Datasheet HTML 4Page - Micon Design Technology Corporation MDT10P721 Datasheet HTML 5Page - Micon Design Technology Corporation MDT10P721 Datasheet HTML 6Page - Micon Design Technology Corporation MDT10P721 Datasheet HTML 7Page - Micon Design Technology Corporation MDT10P721 Datasheet HTML 8Page - Micon Design Technology Corporation MDT10P721 Datasheet HTML 9Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
MDT10P721
This specification are subject to be changed without notice. Any latest information
please preview http;//www.mdtic.com.tw
P. 2
2005/6 Ver. 2.0
4. Pin Assignment
/MCLR 1
28
PB7
PA0/AIC0 2
27
PB6
PA1/AIC1 3
26
PB5
PA2/AIC2 4
25
PB4
PA3/AIC3/Vref 5
24
PB3
PA4/RTCC 6
23
PB2
PA5/SS/AIC4 7
22
PB1
Vss 8
21
PB0/INT
OSC1/CLKIN 9
20
Vdd
OSC2/CLKOUT 10
19
Vss
PC0/T1OSO/T1CKI 11
18
PC7
PC1/T1OSI 12
17
PC6
PC2/CCP 13
16
PC5/SDO
PC3/SCK 14
15
PC4/SDI
5. Pin Function Description
Pin Name
I/O
Function Description
PA0~PA3,PA5
I/O
Port A, TTL input level / Analog input channel
RTCC/PA4
I/O
Real Time Clock/Counter, Schmitt Trigger input level
Open drain output
PB0~PB7
I/O
Port B, TTL input level / PB0:External interrupt input ,
PB4~PB7:Interrupt on pin change
PC0~PC7
I/O
Port C, Schmitt Trigger input level
/MCLR
I
Master Clear, Schmitt Trigger input level
OSC1/CLKIN
I
Oscillator Input/external clock input
OSC2/CLKOUT
O
Oscillator Output/in RC mode
, the CLKOUT pin has 1/4 frequency
of CLKIN
Vdd
Power supply
Vss
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21