전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

574105 데이터시트(PDF) 1 Page - Festo Corporation.

부품명 574105
상세설명  Electric actuator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FESTO [Festo Corporation.]
홈페이지  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

574105 데이터시트(HTML) 1 Page - Festo Corporation.

  574105 Datasheet HTML 1Page - Festo Corporation. 574105 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electric actuator
ESBF-BS-80-300-5P
Part number: 574105
Data sheet
Feature
Value
Size
80
Stroke
300 mm
Piston rod thread
M20x1.5
Reversing backlash
30 µm
Screw diameter
32 mm
Spindle pitch
5 mm/U
Max. angle of rotation of the piston rod +/-
0.5 deg
Based on norm
ISO 15552
Mounting position
Any
Piston rod end
External thread
Motor type
Servo motor
Position sensing
For proximity sensor
Structural design
Electric actuator with ball screw
Spindle type
Ball screw
Symbol
00991941
Protection against torsion/guide
With plain-bearing guide
Max. acceleration
5 m/s²
Max. speed
0.25 m/s
Repetition accuracy
±0.01 mm
Duty cycle
100%
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS conformity
VDMA24364 zone III
Storage temperature
-20 °C ... 60 °C
For use in the food industry
See supplementary material information
Relative air humidity
0 - 95 %
Degree of protection
IP40
Ambient temperature
0 °C ... 60 °C
Max. driving torque
11.9 Nm
Max. radial force on actuator shaft
1100 N
Max. feed force Fx
12000 N
No-load driving torque
0.5 Nm
Guide value for payload, horizontal
1200 kg
Guide value for payload, vertical
1200 kg
Mass moment of inertia JH per meter of stroke
7.699 kgcm²
Mass moment of inertia JL per kg of payload
0.00633 kgcm²
Mass moment of inertia JO
1.5297 kgcm²
5/8/22 - Subject to change - Festo SE & Co. KG
1/2


유사한 부품 번호 - 574105

제조업체부품명데이터시트상세설명
logo
Festo Corporation.
574100 FESTO-574100 Datasheet
92Kb / 2P
Electric actuator
5/8/22
574101 FESTO-574101 Datasheet
92Kb / 2P
Electric actuator
5/8/22
574102 FESTO-574102 Datasheet
92Kb / 2P
Electric actuator
5/8/22
logo
Aavid, Thermal Division...
574102B00000 AAVID-574102B00000 Datasheet
81Kb / 2P
For use with TO-220 packages
2/25/2003
574102B00000G AAVID-574102B00000G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
More results

유사한 설명 - 574105

제조업체부품명데이터시트상세설명
logo
Festo Corporation.
1347391 FESTO-1347391 Datasheet
92Kb / 2P
Electric actuator
5/8/22
574095 FESTO-574095 Datasheet
92Kb / 2P
Electric actuator
5/8/22
574099 FESTO-574099 Datasheet
92Kb / 2P
Electric actuator
5/8/22
574120 FESTO-574120 Datasheet
91Kb / 2P
Electric actuator
5/8/22
574125 FESTO-574125 Datasheet
91Kb / 2P
Electric actuator
5/8/22
1347393 FESTO-1347393 Datasheet
91Kb / 2P
Electric actuator
5/8/22
2215386 FESTO-2215386 Datasheet
91Kb / 2P
Electric actuator
5/8/22
2295383 FESTO-2295383 Datasheet
85Kb / 2P
Electric actuator
5/8/22
8022564 FESTO-8022564 Datasheet
92Kb / 2P
Electric actuator
5/8/22
8022565 FESTO-8022565 Datasheet
91Kb / 2P
Electric actuator
5/8/22
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com