| 전자부품 데이터시트 검색엔진 |
|
HMIPEPS952D1801 데이터시트(PDF) 2 Page - Schneider Electric |
|
|
|||||||||||||||||||||||||||||
HMIPEPS952D1801 데이터시트(HTML) 2 Page - Schneider Electric |
|
2 / 7 page ![]() Number of slots 1 mini PCI Express full-size [Us] rated supply voltage 24 V DC +/- 20 % power supply Power consumption in W 28…60 W Mechanical robustness Hardness anti-scratch 7H Local signalling buzzer for on LED (green) for stand-by LED (orange) Function Available Operate with water on screen Width 19.21 in (488 mm) Height 12.17 in (309 mm) Depth 2.56 in (65 mm) Net Weight 17.64 lb(US) (8 kg) Main type Performance Environment IP degree of protection All sides IP65 Product certifications CE C-tick AS/NZS CCC EAC RCM Standards CISPR 11 CSA C22.2 No. 60950 FCC Part 15 class A IEC 60950 IEC 61000-6-2 IEC 61000-6-4 UL 60950 Directives 2004/108/EC - electromagnetic compatibility 2006/95/EC - low voltage directive Pollution degree 2 Ambient air temperature for operation 32…131 °F (0…55 °C) SSD 32…113 °F (0…45 °C) HDD Ambient air temperature for storage -4…140 °F (-20…60 °C) Relative Humidity 10…95 % non-condensing Operating altitude 6561.68 ft (2000 m) Vibration resistance 1 gn 5…500 Hz) HDD 2 gn 5…500 Hz) SSD Ordering and shipping details Category 22574-MAGELIS BOX PC AND PANEL PC Discount Schedule MC2 GTIN 3606480853326 Nbr. of units in pkg. 1 Package weight(Lbs) 15.65 lb(US) (7.1 kg) Returnability No Country of origin US Packing Units Unit Type of Package 1 PCE Package 1 Height 2.24 in (5.7 cm) 2 May 6, 2022 |