전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD4697 데이터시트(PDF) 55 Page - Analog Devices

부품명 AD4697
상세설명  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD4697 데이터시트(HTML) 55 Page - Analog Devices

Back Button AD4697 Datasheet HTML 51Page - Analog Devices AD4697 Datasheet HTML 52Page - Analog Devices AD4697 Datasheet HTML 53Page - Analog Devices AD4697 Datasheet HTML 54Page - Analog Devices AD4697 Datasheet HTML 55Page - Analog Devices AD4697 Datasheet HTML 56Page - Analog Devices AD4697 Datasheet HTML 57Page - Analog Devices AD4697 Datasheet HTML 58Page - Analog Devices AD4697 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 107 page
background image
Data Sheet
AD4697/AD4698
DIGITAL INTERFACE
analog.com
Rev. 0 | 55 of 107
Table 23. Quad-SDO Mode Data Output Format
OSR Setting
Status Bits
Signal
SCK Falling Edge Number
1
2
3
4
5
6
SDO0
D14
D10
D6
D2
OV_ALT
INX, Bit 0
64
Enabled
SDO3
D18
D14
D10
D6
D2
INX, Bit 3
SDO2
D17
D13
D9
D5
D1
INX, Bit 2
SDO1
D16
D12
D8
D4
D0
INX, Bit 1
SDO0
D15
D11
D7
D3
OV_ALT
INX, Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More