전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EV-RPG2-PNZ 데이터시트(PDF) 9 Page - Analog Devices

부품명 EV-RPG2-PNZ
상세설명  RapID Platform Generation 2 (RPG2) Network Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

EV-RPG2-PNZ 데이터시트(HTML) 9 Page - Analog Devices

Back Button EV-RPG2-PNZ Datasheet HTML 5Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 6Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 7Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 8Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 9Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 10Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 11Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 12Page - Analog Devices EV-RPG2-PNZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Data Sheet
ADIN2299
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 9 of 21
Figure 6. Ball Configuration
Table 9. Ball Function Descriptions
Ball No.
Mnemonic
Direction
Description
A2, A14, A15, B1, B14, B16,
C1, C2, C14, C15, E1, E2,
E15, F2, F15, H3, J3, K3, L3,
L16, M3, M16, M17, N3, P5,
P15, R6, R9, R12, R13, T17
NC
Not applicable
No Connect.
A3, A13, A16, B3, B13, C3,
C7, C8, C10, D1, D2, D3, D4,
D5, D14, D15, E3, E4, F1,
G7, G8, G9, G10, G11, G15,
G16, G17, H1, H2, H7, H8,
H9, H10, H11, H15, J7, J8,
J9, J10, J11, J15, K1, K2, K7,
K8, K9, K10, K11, K15, K16,
K17, L7, L8, L9, L10, L11, L15,
GND
Not applicable
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21