| 전자부품 데이터시트 검색엔진 |
|
MSK032B 데이터시트(PDF) 1 Page - M.S. Kennedy Corporation |
|
|
|||||||||||||||||||||||||||||
MSK032B 데이터시트(HTML) 1 Page - M.S. Kennedy Corporation |
|
1 / 5 page ![]() The MSK 032 is a high speed, FET input, differential operational amplifier. Intended to replace the popular LH0032, the MSK 032 offers improved performance, much greater consistency from lot to lot, and improved stability over its operating temperature range. The MSK 032's wide bandwidth, accuracy and output drive capability make it a superior choice for applications such as video amplifiers, buffer amplifiers, comparator circuits and other high frequency signal transfer circuits. As with all MSK products, the MSK 032 is conservatively specified and is available in military and industrial grades. 4707 Dey Road Liverpool, N.Y. 13088 M.S.KENNEDY CORP. (315) 701-6751 032 FEATURES: Fast Slew Rate Fast Settling Time FET Input Wide Bandwidth Electrically Isolated LH0032 Pin Compatible Upgrade DESCRIPTION: EQUIVALENT SCHEMATIC NC Case Connection NC Negative Power Supply Output Positive Power Supply 1 2 3 4 5 6 NC Output Compensation Compensation/Balance Compensation/Balance Inverting Input Non-Inverting Input 7 8 9 10 11 12 PIN-OUT INFORMATION Video Amplifiers Buffer Amplifiers Comparator Circuits TYPICAL APPLICATIONS MIL-PRF-38534 CERTIFIED Rev. B 5/02 1 FET INPUT DIFFERENTIAL OP-AMP ISO 9001 CERTIFIED BY DSCC |
유사한 부품 번호 - MSK032B |
|
유사한 설명 - MSK032B |