전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ASILUFC51 데이터시트(PDF) 1 Page - Schneider Electric

부품명 ASILUFC51
상세설명  Communication module, TeSys Ultra
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHNEIDER [Schneider Electric]
홈페이지  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ASILUFC51 데이터시트(HTML) 1 Page - Schneider Electric

  ASILUFC51 Datasheet HTML 1Page - Schneider Electric ASILUFC51 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
Communication module, TeSys Ultra
ASILUFC51
Product availability : Stock - Normally stocked in distribution
facility
Price* : 188.00 USD
Main
Range
TeSys
Device short name
ASILUL
Product or Component Type
Communication module
Product Compatibility
LUCB
LUCM
LUCD
LUCA
LUCL
LUCC
Device Application
Communication
Range compatibility
TeSys U LUB non reversing power base
TeSys U LU2B reversing power base
Complementary
Main function available
Communication module
Mounting Mode
Plug-in
Mounting Location
Front side
Physical interface
7.A.7.E
Bus type
AS-Interface
Addressing
62 slaves
Return time
10 ms
Current consumption
200 mA 24 V output
25 mA normal operation
30 mA fault condition
Number of outputs
2 dedicated to starter-controller coil operation
Local signalling
2 LEDs front panel
Connection pitch
0.15 in (3.81 mm) output
0.20 in (5.08 mm) input
Connections - terminals
Input screw clamp terminals 1 0.00…0.00 in² (0.2…1.5 mm²)flexible without cable end
Input screw clamp terminals 1 0.00…0.00 in² (0.2…1.5 mm²)rigid without cable end
Input screw clamp terminals 1 0.00…0.00 in² (0.25…1.5 mm²)flexible with cable end
Input screw clamp terminals 2 0.00…0.00 in² (0.2…1 mm²)flexible without cable end
Input screw clamp terminals 2 0.00…0.00 in² (0.2…1 mm²)rigid without cable end
Input screw clamp terminals 2 0.00…0.00 in² (0.25…1 mm²)flexible with cable end
Input screw clamp terminals 2 0.00…0.00 in² (0.5…1 mm²)flexible with cable end
Output screw clamp terminals 1 0.00…0.00 in² (0.14…1 mm²)flexible without cable end
Output screw clamp terminals 1 0.00…0.00 in² (0.14…1 mm²)rigid without cable end
Output screw clamp terminals 1 0.00…0.00 in² (0.25…0.5 mm²)flexible with cable end
Output screw clamp terminals 1 0.00…0.00 in² (0.25…1 mm²)flexible with cable end
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
May 11, 2022
1


유사한 부품 번호 - ASILUFC51

제조업체부품명데이터시트상세설명
logo
Schneider Electric
ASILUFC5 SCHNEIDER-ASILUFC5 Datasheet
99Kb / 2P
AS-Interface communication module, TeSys Ultra, 24VDC
May 11, 2022
More results

유사한 설명 - ASILUFC51

제조업체부품명데이터시트상세설명
logo
Schneider Electric
ASILUFC5 SCHNEIDER-ASILUFC5 Datasheet
99Kb / 2P
AS-Interface communication module, TeSys Ultra, 24VDC
May 11, 2022
LU9BN11L SCHNEIDER-LU9BN11L Datasheet
97Kb / 2P
Prewired connection, Tesys Ultra, for LUB - coil to communication module - Profibus
May 11, 2022
LU9MRC SCHNEIDER-LU9MRC Datasheet
85Kb / 2P
Prewired coil connection to communication module - for motor starter TeSys Ultra
May 11, 2022
LUFC00 SCHNEIDER-LUFC00 Datasheet
91Kb / 2P
Parallel wiring module, motor starter TeSys Ultra
May 11, 2022
LULC07 SCHNEIDER-LULC07 Datasheet
95Kb / 2P
profibus communication module, TeSys Ultra, 24VDC
May 11, 2022
LULC08 SCHNEIDER-LULC08 Datasheet
99Kb / 3P
CANopen communication module, TeSys Ultra, 24VDC supply
May 11, 2022
LULC031 SCHNEIDER-LULC031 Datasheet
95Kb / 2P
Modbus communication module - for TeSys U - 24 V DC
May 11, 2022
LULC033 SCHNEIDER-LULC033 Datasheet
105Kb / 2P
Modbus communication module, TeSys Ultra, 24VDC supply
May 11, 2022
LULC09 SCHNEIDER-LULC09 Datasheet
98Kb / 3P
DeviceNet communication module, TeSys U, 24V DC supply
May 11, 2022
LULC15 SCHNEIDER-LULC15 Datasheet
103Kb / 3P
Advantys STB communication module, TeSys Ultra, 24VDC supply
May 11, 2022
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com