전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DG201B 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 DG201B
상세설명  Improved Quad CMOS Analog Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG201B 데이터시트(HTML) 2 Page - Vishay Siliconix

  DG201B Datasheet HTML 1Page - Vishay Siliconix DG201B Datasheet HTML 2Page - Vishay Siliconix DG201B Datasheet HTML 3Page - Vishay Siliconix DG201B Datasheet HTML 4Page - Vishay Siliconix DG201B Datasheet HTML 5Page - Vishay Siliconix DG201B Datasheet HTML 6Page - Vishay Siliconix DG201B Datasheet HTML 7Page - Vishay Siliconix DG201B Datasheet HTML 8Page - Vishay Siliconix DG201B Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.vishay.com
2
Document Number: 70037
S11-0800-Rev. J, 25-Apr-11
Vishay Siliconix
DG201B, DG202B
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Signals on SX, DX, or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads welded or soldered to PC board.
c. Derate 6.5 mW/°C above 75 °C.
d. Derate 7.6 mW/°C above 75 °C.
e. Derate 12 mW/°C above 75 °C.
f. Derate 10 mW/°C above 75 °C.
ORDERING INFORMATION
Temp. Range
Package
Part Number
- 55 °C to 125 °C
16-pin CerDIP
DG201BAK
DG202BAK
- 40 °C to 85 °C
16-pin Plastic DIP
DG201BDJ
DG201BDJ-E3
DG202BDJ
DG202BDJ-E3
16-pin narrow SOIC
DG201BDY
DG201BDY-E3
DG201BDY-T1
DG201BDY-T1-E3
DG202BDY
DG202BDY-E3
DG202BDY-T1
DG202BDY-T1-E3
16-pin TSSOP
DG201BDQ
DG201BDQ-E3
DG201BDQ-T1
DG201BDQ-T1-E3
DG202BDQ
DG202BDQ-E3
DG202BDQ-T1
DG202BDQ-T1-E3
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
Voltages Referenced, V+ to V-
44
V
GND
25
Digital Inputsa, VS, VD
(V-) - 2 to (V+) + 2
or 30 mA, whichever occurs first
Current (Any terminal)
30
mA
Peak Current S or D (Pulsed at 1 ms, 10 % duty cycle max.)
100
Storage Temperature
(AK, DK suffix)
- 65 to 150
°C
(DJ, DY, DQ suffix)
- 65 to 125
Power Dissipation (Package)b
16-pin plastic DIPc
470
mW
16-pin narrow SOIC and TSSOPd
640
16-pin CerDIPe
900
LCC-20f
750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com