전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

34AA02-I/SN 데이터시트(PDF) 20 Page - Microchip Technology

부품명 34AA02-I/SN
상세설명  2-Kbit I2C Serial EEPROM Software Write-Protect
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

34AA02-I/SN 데이터시트(HTML) 20 Page - Microchip Technology

Back Button 34AA02-I/SN Datasheet HTML 16Page - Microchip Technology 34AA02-I/SN Datasheet HTML 17Page - Microchip Technology 34AA02-I/SN Datasheet HTML 18Page - Microchip Technology 34AA02-I/SN Datasheet HTML 19Page - Microchip Technology 34AA02-I/SN Datasheet HTML 20Page - Microchip Technology 34AA02-I/SN Datasheet HTML 21Page - Microchip Technology 34AA02-I/SN Datasheet HTML 22Page - Microchip Technology 34AA02-I/SN Datasheet HTML 23Page - Microchip Technology 34AA02-I/SN Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
34AA02/34LC02
DS20002029G-page 20
 2007-2022 Microchip Technology Inc. and its subsidiaries
RECOMMENDED LAND PATTERN
Dimension Limits
Units
Contact Pitch
MILLIMETERS
0.65 BSC
MIN
E
MAX
Contact Pad Length (X8)
Contact Pad Width (X8)
Y
X
1.45
0.45
NOM
C
Contact Pad Spacing
4.40
Contact Pad to Contact Pad (X4)
G1
2.95
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
1.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
E
C
Contact Pad to Contact Pad (X6)
GX
0.20
X
Y
G1
GX
SILK SCREEN
8-Lead Plastic Micro Small Outline Package (MS) - 3x3 mm Body [MSOP]
Microchip Technology Drawing C04-2111-MS Rev D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40