| 전자부품 데이터시트 검색엔진 |
|
MPC8360ECVVALFGA 데이터시트(PDF) 74 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8360ECVVALFGA 데이터시트(HTML) 74 Page - NXP Semiconductors |
|
74 / 102 page ![]() MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5 74 Freescale Semiconductor Pinout Listings PCI_MODE D36 I OVDD — M66EN/CE_PF[4] B37 I/O OVDD — Local Bus Controller Interface LAD[0:31] N32, N33, N35, N36, P37, P32, P34, R36, R35, R34, R33, T37, T35, T34, T33, U37, T32, U36, U34, V36, V35, W37, W35, V33, V32, W34, Y36, W32, AA37, Y33, AA35, AA34 I/O OVDD — LDP[0]/CKSTOP_OUT AB37 I/O OVDD — LDP[1]/CKSTOP_IN AB36 I/O OVDD — LDP[2]/LCS[6] AB35 I/O OVDD — LDP[3]/LCS[7] AA33 I/O OVDD — LA[27:31] AC37, AA32, AC36, AC34, AD36 O OVDD — LCS[0:5] AD33, AG37, AF34, AE33, AD32, AH37 O OVDD — LWE[0:3]/LSDDQM[0:3]/LBS[0:3] AG35, AG34, AH36, AE32 O OVDD — LBCTL AD35 O OVDD — LALE M37 O OVDD — LGPL0/LSDA10/cfg_reset_source0 AB32 I/O OVDD — LGPL1/LSDWE/cfg_reset_source1 AE37 I/O OVDD — LGPL2/LSDRAS/LOE AC33 O OVDD — LGPL3/LSDCAS/cfg_reset_source2 AD34 I/O OVDD — LGPL4/LGTA/LUPWAIT/LPBSE AE35 I/O OVDD — LGPL5/cfg_clkin_div AF36 I/O OVDD — LCKE G36 O OVDD — LCLK[0] J33 O OVDD — LCLK[1]/LCS[6] J34 O OVDD — LCLK[2]/LCS[7] G37 O OVDD — LSYNC_OUT F34 O OVDD — LSYNC_IN G35 I OVDD — Programmable Interrupt Controller MCP_OUT E34 O OVDD 2 IRQ0/MCP_IN C37 I OVDD — IRQ[1]/M1SRCID[4]/M2SRCID[4]/ LSRCID[4] F35 I/O OVDD — IRQ[2]/M1DVAL/M2DVAL/LDVAL F36 I/O OVDD — IRQ[3]/CORE_SRESET H34 I/O OVDD — Table 67. MPC8358E TBGA Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |