전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC8360ECVVALFHA 데이터시트(PDF) 85 Page - NXP Semiconductors

부품명 MPC8360ECVVALFHA
상세설명  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8360ECVVALFHA 데이터시트(HTML) 85 Page - NXP Semiconductors

Back Button MPC8360ECVVALFHA Datasheet HTML 81Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 82Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 83Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 84Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 85Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 86Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 87Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 88Page - NXP Semiconductors MPC8360ECVVALFHA Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
Freescale Semiconductor
85
System PLL Configuration
Low
0110
6:1
100
150
200
Low
0111
7:1
116
175
233
Low
1000
8:1
133
200
266
Low
1001
9:1
150
225
300
Low
1010
10:1
166
250
333
Low
1011
11:1
183
275
Low
1100
12:1
200
300
Low
1101
13:1
216
325
Low
1110
14:1
233
Low
1111
15:1
250
Low
0000
16:1
266
High
0010
2:1
133
High
0011
3:1
100
200
High
0100
4:1
133
266
High
0101
5:1
166
333
High
0110
6:1
200
High
0111
7:1
233
High
1000
8:1
High
1001
9:1
High
1010
10:1
High
1011
11:1
High
1100
12:1
High
1101
13:1
High
1110
14:1
High
1111
15:1
High
0000
16:1
1 CFG_CLKIN_DIV is only used for host mode; CLKIN must be tied low and CFG_CLKIN_DIV must be pulled down (low) in
agent mode.
2 CLKIN is the input clock in host mode; PCI_CLK is the input clock in agent mode.
Table 72. CSB Frequency Options (continued)
CFG_CLKIN_DIV
at Reset1
SPMF
csb_clk:
Input Clock Ratio2
Input Clock Frequency (MHz)2
16.67
25
33.33
66.67
csb_clk Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com