전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMPF0100 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 MMPF0100
상세설명  14 channel configurable power management integrated circuit
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 5Page - NXP Semiconductors MMPF0100 Datasheet HTML 6Page - NXP Semiconductors MMPF0100 Datasheet HTML 7Page - NXP Semiconductors MMPF0100 Datasheet HTML 8Page - NXP Semiconductors MMPF0100 Datasheet HTML 9Page - NXP Semiconductors MMPF0100 Datasheet HTML 10Page - NXP Semiconductors MMPF0100 Datasheet HTML 11Page - NXP Semiconductors MMPF0100 Datasheet HTML 12Page - NXP Semiconductors MMPF0100 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 137 page
background image
NXP Semiconductors
9
PF0100
PIN CONNECTIONS
29
VHALF
I
3.6 V
Analog
Half supply reference for VREFDDR
30
VINREFDDR
I
3.6 V
Analog
VREFDDR regulator input. Bypass with at least 1.0
μF decoupling capacitor
as close to the pin as possible.
31
VREFDDR
O
3.6 V
Analog
VREFDDR regulator output
32
SW3VSSSNS
GND
-
GND
Ground reference for the SW3 regulator. Connect to GNDREF externally via
the board ground plane.
33
SW3BFB (6)
I
3.6 V
Analog
Output voltage feedback for SW3B. Route this trace separately from the high
current path and terminate at the output capacitance.
34
SW3BIN (6)
I
4.8 V
Analog
Input to SW3B regulator. Bypass with at least a 4.7
μF ceramic capacitor
and a 0.1
μF decoupling capacitor as close to the pin as possible.
35
SW3BLX (6)
O
4.8 V
Analog
Regulator 3B switch node connection
36
SW3ALX (6)
O
4.8 V
Analog
Regulator 3A switch node connection
37
SW3AIN (6)
I
4.8 V
Analog
Input to SW3A regulator. Bypass with at least a 4.7
μF ceramic capacitor
and a 0.1
μF decoupling capacitor as close to the pin as possible.
38
SW3AFB (6)
I
3.6 V
Analog
Output voltage feedback for SW3A. Route this trace separately from the high
current path and terminate at the output capacitance.
39
VGEN5
O
3.6 V
Analog
VGEN5 regulator output. Bypass with a 2.2
μF ceramic output capacitor.
40
VIN3
I
4.8 V
Analog
VGEN5, 6 input. Bypass with a 1.0
μF decoupling capacitor as close to the
pin as possible.
41
VGEN6
O
3.6 V
Analog
VGEN6 regulator output. By pass with a 2.2
μF ceramic output capacitor.
42
LICELL
I/O
3.6 V
Analog
Coin cell supply input/output
43
VSNVS
O
3.6 V
Analog
LDO or coin cell output to processor
44
SWBSTFB (6)
I
5.5 V
Analog
Boost regulator feedback. Connect this pin to the output rail close to the
load. Keep this trace away from other noisy traces and planes.
45
SWBSTIN (6)
I
4.8 V
Analog
Input to SWBST regulator. Bypass with at least a 2.2
μF ceramic capacitor
and a 0.1
μF decoupling capacitor as close to the pin as possible.
46
SWBSTLX (6)
O
7.5 V
Analog
SWBST switch node connection
47
VDDOTP
I
10 V(5)
Digital and
Analog
Supply to program OTP fuses
48
GNDREF
GND
-
GND
Ground reference for the main band gap regulator.
49
VCORE
O
3.6 V
Analog
Analog Core supply
50
VIN
I
4.8 V
Analog
Main chip supply
51
VCOREDIG
O
1.5 V
Analog
Digital Core supply
52
VCOREREF
O
1.5 V
Analog
Main band gap reference
53
SDA
I/O
3.6 V
Digital
I2C data line (Open drain)
54
SCL
I
3.6 V
Digital
I2C clock
55
VDDIO
I
3.6 V
Analog
Supply for I2C bus. Bypass with 0.1
μF ceramic capacitor
56
PWRON
I
3.6 V
Digital
Power On/off from processor
-
EP
GND
-
GND
Expose pad. Functions as ground return for buck regulators. Tie this pad to
the inner and external ground planes through vias to allow effective thermal
dissipation.
Notes
5.
10 V Maximum voltage rating during OTP fuse programming. 7.5 V Maximum DC voltage rated otherwise.
6.
Unused switching regulators should be connected as follow: Pins SWxLX and SWxFB should be unconnected and Pin SWxIN should be
connected to VIN with a 0.1
μF bypass capacitor.
Table 4. PF0100 pin definitions (continued)
Pin number
Pin name
Pin
function
Max rating
Type
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com