전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC5607BAVLL6R 데이터시트(PDF) 111 Page - NXP Semiconductors

부품명 MPC5607BAVLL6R
상세설명  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5607BAVLL6R 데이터시트(HTML) 111 Page - NXP Semiconductors

Back Button MPC5607BAVLL6R Datasheet HTML 106Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 107Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 108Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 109Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 110Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 111Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 112Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 113Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 114Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 111 / 114 page
background image
Revision history
MPC5607B Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
111
4
(cont.)
24 Aug 2010
(cont.)
Table 40:
• Added fVCO row
• Added
ΔtSTJIT row
Table 41
•IFIRCPWD: removed row for TA = 55 °C
• Updated TFIRCSU row
Table 44: Added two rows: IADC0pwd and IADC0run
Table 45
• Added two rows: IADC1pwd and IADC1run
• Updated values of fADC_1 and tADC1_PU
• Updated tADC1_C row
Updated Table 46
Updated Table 47
Updated Figure 40
6, Ordering information: deleted “Orderable part number summary“ table
5
27 Aug 2010 Removed “Preliminary—Subject to Change Without Notice” marking. This data sheet
contains specifications based on characterization data.
6
08 Jul 2011 Editorial and formatting changes throughout
Replaced instances of “e200z0” with “e200z0h”Device family comparison table:
• changed LINFlex count for 144-pin LQFP—was ‘6’; is ‘8’
• changed LINFlex count for 176-pin LQFP—was ‘8’; is ‘10’
• replaced 105 °C with 125 °C in footnote 2
MPC5607B block diagram: added GPIO and VREG to legend
MPC5607B series block summary: added acronym “JTAGC”; in WKPU function changed
“up to 18 external sources” to “up to 27 external sources”
144 LQFP pin configuration: for pins 37–72, restored the pin labels that existed prior to
27 July 2010
176 LQFP pin configuration: corrected name of pin 4: was EPC[15]; is PC[15]
Added following sections:
• Pad configuration during reset phases
• Pad configuration during standby mode exit
• Voltage supply pins
•Pad types
• System pins
• Functional port pins
• Nexus 2+ pins
Section “NVUSRO register”: edited content to separate configuration into electrical
parameters and digital functionality; updated footnote describing default value of ‘1’ in
field descriptions NVUSRO[PAD3V5V] and NVUSRO[OSCILLATOR_MARGIN]
Added section “NVUSRO[WATCHDOG_EN] field description”
Tables “Absolute maximum ratings” and “Recommended operating conditions (3.3 V)”:
replaced “VSS_HV_ADC0, VSS_HV_ADC1” with “VDD_HV_ADC0, VDD_HV_ADC1”
in VDD_ADC parameter description
“Recommended operating conditions (5.0 V)” table: replaced “VSS_HV_ADC0,
VSS_HV_ADC1” with “VDD_HV_ADC0, VDD_HV_ADC1” in VDD_ADC parameter
description; changed 3.6V to 3.0V in footnote 2
Table 54. Revision history (continued)
Revision
Date
Substantive changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com