전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC5607BAVLL6R 데이터시트(PDF) 113 Page - NXP Semiconductors

부품명 MPC5607BAVLL6R
상세설명  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5607BAVLL6R 데이터시트(HTML) 113 Page - NXP Semiconductors

Back Button MPC5607BAVLL6R Datasheet HTML 106Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 107Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 108Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 109Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 110Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 111Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 112Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 113Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 114Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 113 / 114 page
background image
Revision history
MPC5607B Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
113
7
13 May 2013 In the cover feature list:
added “and ECC” at the end of
“Up to 1.5 MB on-chip code flash memory supported with the flash memory controller”
added “with ECC” at the end of “Up to 96 KB on-chip SRAM”
Table 1 (MPC5607B family comparison), updated SCI (LINFlex) values, 8 channels for
both MPC5605B and MPC5606B 176-pin.
Table 12 (Recommended operating conditions (3.3 V)), updated conditions of TA values
and relative footnote.
Table 13 (Recommended operating conditions (5.0 V)), updated conditions of TA values
and relative footnote.
Table 20 (Output pin transition times), replaced Ttr with ttr
Table 24 (Reset electrical characteristics), replaced Ttr with ttr
Updated Section 4.16.2, “Input impedance and ADC accuracy
Table 26 (Low voltage detector electrical characteristics), changed VLVDHV3L(min) and
VLVDHV3BL(min) from 2.7 V to 2.6 V.
Table 28 (Program and erase specifications), added footnote about tESRT
Table 40 (FMPLL electrical characteristics), deleted footnote relative to maximum value
of fCPU
Table 44 (ADC_0 conversion characteristics (10-bit ADC_0)), changed IADC0run value
from 40 mA to 5 mA.
Table 47 (DSPI characteristics), in the heading row, replaced
DSPI0/DSPI1/DSPI5/DSPI6 with DSPI0/DSPI1/DSPI3/DSPI5
8
19 Mar 2014 Added “K=TSMC Fab” against the Fab and mask indicator in Figure 40 (Commercial
product code structure).
9
9 Nov 2017
In Table 12 (Recommended operating conditions (3.3 V)) added Min value for TVDD.
In Table 13 (Recommended operating conditions (5.0 V)) added Min value for TVDD.
In 6, Ordering information added note “Not all options are available on all devices“.
10
8 August
2021
In 6, Ordering information, updated Fab and Mask indicator.
Table 54. Revision history (continued)
Revision
Date
Substantive changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com