전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC5607BAMLL6R 데이터시트(PDF) 63 Page - NXP Semiconductors

부품명 MPC5607BAMLL6R
상세설명  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5607BAMLL6R 데이터시트(HTML) 63 Page - NXP Semiconductors

Back Button MPC5607BAMLL6R Datasheet HTML 59Page - NXP Semiconductors MPC5607BAMLL6R Datasheet HTML 60Page - NXP Semiconductors MPC5607BAMLL6R Datasheet HTML 61Page - NXP Semiconductors MPC5607BAMLL6R Datasheet HTML 62Page - NXP Semiconductors MPC5607BAMLL6R Datasheet HTML 63Page - NXP Semiconductors MPC5607BAMLL6R Datasheet HTML 64Page - NXP Semiconductors MPC5607BAMLL6R Datasheet HTML 65Page - NXP Semiconductors MPC5607BAMLL6R Datasheet HTML 66Page - NXP Semiconductors MPC5607BAMLL6R Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 114 page
background image
Electrical characteristics
MPC5607B Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
63
4.9
Flash memory electrical characteristics
4.9.1
Program/erase characteristics
Table 28 shows the program and erase characteristics.
Table 28. Program and erase specifications
Symbol
C
Parameter
Conditions
Value
Unit
Min Typ1
1 Typical program and erase times assume nominal supply values and operation at 25 °C. All times are subject to
change pending device characterization.
Initial
max2
2 Initial factory condition: < 100 program/erase cycles, 25 °C, typical supply voltage.
Max3
3 The maximum program and erase times occur after the specified number of program/erase cycles. These maximum
values are characterized but not guaranteed.
tdwprogram
CC C Double word (64 bits) program time4
4 Actual hardware programming times. This does not include software overhead.
Code Flash
—
18
50
500
µs
Data Flash
22
t16Kpperase
16 KB block preprogram and erase time
Code Flash
—
200
500
5000
ms
Data Flash
300
t32Kpperase
32 KB block preprogram and erase time
Code Flash
—
300
600
5000
ms
Data Flash
400
t128Kpperase
128 KB block preprogram and erase time
Code Flash
—
600
1300
7500
ms
Data Flash
800
tesus
D Erase Suspend Latency
—
—
—
30
30
µs
tESRT
C Erase Suspend Request Rate5
5 Time between erase suspend resume and the next erase suspend request
Code Flash
20
—
—
—
ms
Data Flash
10
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com