| 전자부품 데이터시트 검색엔진 |
|
PPC5605BAVLL4R 데이터시트(PDF) 22 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PPC5605BAVLL4R 데이터시트(HTML) 22 Page - NXP Semiconductors |
|
22 / 114 page ![]() MPC5607B Microcontroller Data Sheet, Rev. 10 Package pinouts and signal descriptions NXP Semiconductors 22 PD[4] PCR[52] AF0 AF1 AF2 AF3 — — GPIO[52] — — — ADC0_P[8] ADC1_P[8] SIUL — — — ADC_0 ADC_1 I — — — I I I Tristate 456781 R13 PD[5] PCR[53] AF0 AF1 AF2 AF3 — — GPIO[53] — — — ADC0_P[9] ADC1_P[9] SIUL — — — ADC_0 ADC_1 I — — — I I I Tristate 466882 T13 PD[6] PCR[54] AF0 AF1 AF2 AF3 — — GPIO[54] — — — ADC0_P[10] ADC1_P[10] SIUL — — — ADC_0 ADC_1 I — — — I I I Tristate 476983 T14 PD[7] PCR[55] AF0 AF1 AF2 AF3 — — GPIO[55] — — — ADC0_P[11] ADC1_P[11] SIUL — — — ADC_0 ADC_1 I — — — I I I Tristate 487084 R14 PD[8] PCR[56] AF0 AF1 AF2 AF3 — — GPIO[56] — — — ADC0_P[12] ADC1_P[12] SIUL — — — ADC_0 ADC_1 I — — — I I I Tristate 497187 T15 PD[9] PCR[57] AF0 AF1 AF2 AF3 — — GPIO[57] — — — ADC0_P[13] ADC1_P[13] SIUL — — — ADC_0 ADC_1 I — — — I I I Tristate 567894 N15 PD[10] PCR[58] AF0 AF1 AF2 AF3 — — GPIO[58] — — — ADC0_P[14] ADC1_P[14] SIUL — — — ADC_0 ADC_1 I — — — I I I Tristate 577995 N14 Table 5. Functional port pin descriptions (continued) Port pin PCR Function Peripheral Pin number 100 LQFP 144 LQFP 176 LQFP 208 MAP BGA 4 |