전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PPC5605BAMLL4R 데이터시트(PDF) 109 Page - NXP Semiconductors

부품명 PPC5605BAMLL4R
상세설명  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PPC5605BAMLL4R 데이터시트(HTML) 109 Page - NXP Semiconductors

Back Button PPC5605BAMLL4R Datasheet HTML 105Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 106Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 107Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 108Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 109Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 110Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 111Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 112Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 113Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 114 page
background image
Revision history
MPC5607B Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
109
7
Revision history
Table 54 summarizes revisions to this document.
Table 54. Revision history
Revision
Date
Substantive changes
1
12-Jan-2009 Initial release
2
09 Nov-2009 Updated Features
Replaced 27 IRQs in place of 23
ADC features
External Ballast resistor support conditions
Updated device summary-added 208 BGA details
Updated block diagram to include WKUP
Updated block diagram to include 5 ch ADC 12 -bit
Updated Block summary table
Updated LQFP 144, 176 and 100 pinouts. Applied new naming convention for ADC
signals as ADCx_P[x] and ADCx_S[x]
Section 1, “General description
Updated MPC5607B device comparison table
Updated block diagram-aligned with 512k
Updated block summary-aligned with 512k
Section 2, “Package pinouts
Updated 100,144,176,208 packages according to cut2.0 changes
Added Section 3.5.1, “External ballast resistor recommendations
Added NVUSRO [WATCHDOG_EN] field description
Updated Absolute maximum ratings
Updated LQFP thermal characteristics
Updated I/O supply segments
Updated Voltage regulator capacitance connection
Updated Low voltage monitor electrical characteristics
Updated Low voltage power domain electrical characteristics
Updated DC electrical characteristics
Updated Program/Erase specifications
Updated Conversion characteristics (10 bit ADC)
Updated FMPLL electrical characteristics
Updated Fast RC oscillator electrical characteristics-aligned with MPC5604B
Updated On-chip peripherals current consumption
Updated ADC characteristics and error definitions diagram
Updated ADC conversion characteristics (10 bit and 12 bit)
Added ADC characteristics and error definitions diagram for 12 bit ADC
3
25 Jan-2010 Updated Features
Updated block diagram to connect peripherals to pad I/O
Updated block summary to include ADC 12-bit
Updated 144, 176 and 100 pinouts to adjust format issues
Table 26 Flash module life-retention value changed from 1-5 to 5 yrs
Minor editing changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More