전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PPC5605BAMLL4R 데이터시트(PDF) 110 Page - NXP Semiconductors

부품명 PPC5605BAMLL4R
상세설명  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PPC5605BAMLL4R 데이터시트(HTML) 110 Page - NXP Semiconductors

Back Button PPC5605BAMLL4R Datasheet HTML 106Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 107Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 108Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 109Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 110Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 111Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 112Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 113Page - NXP Semiconductors PPC5605BAMLL4R Datasheet HTML 114Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 110 / 114 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 10
Revision history
NXP Semiconductors
110
4
24 Aug 2010 Editorial changes and improvements.
Updated “Features“ section
Table 1: updated footnote concerning 208 MAPBGA
In the block diagram:
• Added “5ch 12-bit ADC“ block.
• Updated Legend.
• Added “Interrupt request with wakeup functionality” as an input to the WKPU block.
Figure 2: removed alternate functions
Figure 3: removed alternate functions
Figure 4: removed alternate functions
Table 2: added contents concerning the following blocks: CMU, eDMA, ECSM, MC_ME,
MC_PCU, NMI, SSCM, SWT and WKPU
Added Section 3.2, Pin muxing
4, Electrical characteristics: removed “Caution” note
4.2, NVUSRO register: removed “NVUSRO[WATCHDOG_EN] field description“ section
Table 11: VIN: removed min value in “relative to VDD” row
Table 12
•TA C-Grade Part, TJ C-Grade Part, TA V-Grade Part, TJ V-Grade Part, TA M-Grade Part, TJ M-Grade Part:
added new rows
•TVDD: contents merged into one row
•VDD_BV: changed min value in “relative to VDD” row
4.5, Thermal characteristics
• 4.5.1, External ballast resistor recommendations: added new paragraph about power
supply
• Table 14: added RθJB and RθJC rows
• Removed “208 MAPBGA thermal characteristics” table
Table 15: rewrote parameter description of WFI and WNFI
4.6.5, I/O pad current specification
• Removed IDYNSEG information
• Updated “I/O supply segments” table
Table 22: removed IDYNSEG row
Added Table 23
Table 25
• Updated all values
• Removed IVREGREF and IVREDLVD12 rows
• Added the footnote “The duration of the in-rush current depends on the capacitance
placed on LV pins. BV decaps must be sized accordingly. Refer to IMREG value for
minimum amount of current to be provided in cc.” to the IDD_BV specification.
Table 26
• Updated VPORH min/max value
• Updated VLVDLVCORL min value
Updated Table 27
Table 28
•Tdwprogram: added initial max value
• Inserted Teslat row
Table 29: removed the “To be confirmed” footnote
In the “Crystal oscillator and resonator connection scheme” figure, removed RP.
Table 39
• Removed gmSXOSC row
•ISXOSCBIAS: added min/typ/max value
Table 54. Revision history (continued)
Revision
Date
Substantive changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More