| 전자부품 데이터시트 검색엔진 |
|
PPC5605BAMLU4R 데이터시트(PDF) 17 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PPC5605BAMLU4R 데이터시트(HTML) 17 Page - NXP Semiconductors |
|
17 / 114 page ![]() Package pinouts and signal descriptions MPC5607B Microcontroller Data Sheet, Rev. 10 NXP Semiconductors 17 PB[1] PCR[17] AF0 AF1 AF2 AF3 — — — GPIO[17] — E0UC[31] — WKPU[4]5 CAN0RX LIN0RX SIUL — eMIOS_0 — WKPU FlexCAN_0 LINFlex_0 I/O — I/O — I I I S Tristate 243240 N1 PB[2] PCR[18] AF0 AF1 AF2 AF3 GPIO[18] LIN0TX SDA E0UC[30] SIUL LINFlex_0 I2C_0 eMIOS_0 I/O O I/O I/O M Tristate 100 144 176 B2 PB[3] PCR[19] AF0 AF1 AF2 AF3 — — GPIO[19] E0UC[31] SCL — WKPU[11]5 LIN0RX SIUL eMIOS_0 I2C_0 — WKPU LINFlex_0 I/O I/O I/O — I I S Tristate 111 C3 PB[4] PCR[20] AF0 AF1 AF2 AF3 — — — — — — — ADC0_P[0] ADC1_P[0] GPIO[20] — — — — ADC_0 ADC_1 SIUL — — — — I I I I Tristate 507288 T16 PB[5] PCR[21] AF0 AF1 AF2 AF3 — — — — — — — ADC0_P[1] ADC1_P[1] GPIO[21] — — — — ADC_0 ADC_1 SIUL — — — — I I I I Tristate 537591 R16 PB[6] PCR[22] AF0 AF1 AF2 AF3 — — — — — — — ADC0_P[2] ADC1_P[2] GPIO[22] — — — — ADC_0 ADC_1 SIUL — — — — I I I I Tristate 547692 P15 Table 5. Functional port pin descriptions (continued) Port pin PCR Function Peripheral Pin number 100 LQFP 144 LQFP 176 LQFP 208 MAP BGA 4 |