| 전자부품 데이터시트 검색엔진 |
|
PPC5605BAMLL6R 데이터시트(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PPC5605BAMLL6R 데이터시트(HTML) 14 Page - NXP Semiconductors |
|
14 / 114 page ![]() MPC5607B Microcontroller Data Sheet, Rev. 10 Package pinouts and signal descriptions NXP Semiconductors 14 3.7 Functional port pins The functional port pins are listed in Table 5. EXTAL Analog output of the oscillator amplifier circuit, when the oscillator is not in bypass mode. Analog input for the clock generator when the oscillator is in bypass mode. I/O X Tristate 36 50 58 N8 XTAL Analog input of the oscillator amplifier circuit. Needs to be grounded if oscillator bypass mode is used. I X Tristate 34 48 56 P8 1 208 MAPBGA available only as development package for Nexus2+ Table 5. Functional port pin descriptions Port pin PCR Function Peripheral Pin number 100 LQFP 144 LQFP 176 LQFP 208 MAP BGA 4 Port A PA[0] PCR[0] AF0 AF1 AF2 AF3 — GPIO[0] E0UC[0] CLKOUT E0UC[13] WKPU[19]5 SIUL eMIOS_0 MC_CGM eMIOS_0 WKPU I/O I/O O I/O I M Tristate 121624 G4 PA[1] PCR[1] AF0 AF1 AF2 AF3 — GPIO[1] E0UC[1] NMI6 — WKPU[2]5 SIUL eMIOS_0 WKPU — WKPU I/O I/O I — I S Tristate 7 11 19 F3 PA[2] PCR[2] AF0 AF1 AF2 AF3 — GPIO[2] E0UC[2] — MA[2] WKPU[3]5 SIUL eMIOS_0 — ADC_0 WKPU I/O I/O — O I S Tristate 5 9 17 F2 Table 4. System pin descriptions (continued) Port pin Function RESET configuration Pin number 100 LQFP 144 LQFP 176 LQFP 208 MAP BGA 1 |