| 전자부품 데이터시트 검색엔진 |
|
SMS46 데이터시트(PDF) 13 Page - Summit Microelectronics, Inc. |
|
|
|||||||||||||||||||||||||||||
SMS46 데이터시트(HTML) 13 Page - Summit Microelectronics, Inc. |
|
13 / 17 page ![]() 13 2083 1.1 06/04/04 SMS46 SUMMIT MICROELECTRONICS, Inc. Preliminary Information Figure 9 - Read and Write Operations The high order bits of the address byte remain constant. Should the Master transmit more than 16 bytes, prior to generating the Stop condition, the address counter will rollover and the previously written data will be overwrit- ten. As with the byte Write operation, all inputs are disabled during the internal Write cycle. Refer to Figure 11 for the address, Acknowledge, and data transfer sequence. N A C K N A C K Typical Write Operation (Standard memory device type) S T A R T A C K B A 2 B A 1 A 8 R / W A C K D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 A C K S T O P Master SDA Slave 0 1 10 A C K R / W A C K D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 A C K S T O P S T A R T Writing Configuration Registers Master SDA Slave 01 10 Master SDA Slave Device Type Address Bus Address A 7 A 6 A 5 A 4 A 3 A 2 A 1 A 0 C 7 C 6 C 5 C 4 C 3 C 2 C 1 C 0 A C K R / W A C K S T A R T C 7 C 6 C 5 C 4 C 3 C 2 C 1 C 0 Reading the Configuration Register 01 10 A C K R / W S T O P S T A R T D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 01 10 Up to 15 additional bytes can be written before issuing the stop. B A 2 B A 1 X B A 2 B A 1 X B A 2 B A 1 X 2047 Fig11 Typical Reading Operation (Alternate memory device type) Master SDA Slave A C K R / W A C K S T A R T A 7 A 6 A 5 A 4 A 3 A 2 A 1 A 0 11 10 A C K R / W S T O P S T A R T D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 11 10 B A 2 B A 1 A 8 B A 2 B A 1 A 8 I2C INTERFACE (CONTINUED) |