전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMS64FR01 데이터시트(PDF) 16 Page - Summit Microelectronics, Inc.

부품명 SMS64FR01
상세설명  Six-Channel Supply Monitor and Sequencing Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMMIT [Summit Microelectronics, Inc.]
홈페이지  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS64FR01 데이터시트(HTML) 16 Page - Summit Microelectronics, Inc.

Back Button SMS64FR01 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMS64FR01 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMS64FR01 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMS64FR01 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMS64FR01 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMS64FR01 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMS64FR01 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMS64FR01 Datasheet HTML 19Page - Summit Microelectronics, Inc. SMS64FR01 Datasheet HTML 20Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
SMS64
Preliminary
Summit Microelectronics, Inc
2060 2.22 10/09/03
16
Applications Example
A simple application example is shown in Figure 8.
Three voltages are provided by a motherboard, +5V,
+3.3V, and +1.8V. The +5V and +3.3V supplies are
switched on through series MOSFETS and applied to
the application circuit. The +1.8V supply will drive an
LDO, supplying +1.2V to the application circuit. The
application requires that the power supplies sequence
in the following order: +1.2V, +3.3V, +5.0V. As these
supplies are sequenced on, RST_A# is cleared after
the +1.2V supply has reached its under-voltage
threshold. RST_B# is not cleared until the +3.3V and
+5.0V supplies have reached their under-voltage
threshold. After the supplies have sequenced on, a
10% under-voltage on the +1.2V supply will trigger
RSTA#. Similarly, a 10% under-voltage on the +3.3V
supply will trigger RSTB#. The devices driven by the
application circuit require that if a 10% under-voltage
occurs on the +5.0V supply, the SMS64 will generate
an IRQ#.
A 10% over-voltage on any supply will
trigger both RSTA# and RSTB#. This application also
requires that the power supplies are sequenced off in
the reverse order that they were sequenced on. The
power supply sequencing is controlled by toggling the
PWR_ON/OFF pin.
With these requirements, the
SMS64 is configured as follows:
Channel A
Sequenced; Sequence Position 2; Power-On
Delay(tDPONA) = 50ms; Power-Off Delay(tDPOFFA) =
50ms;
Under-voltage; Programmable Threshold(VPTHA) =
4.50V
Channel B
Sequenced; Sequence Position 1; Power-On
Delay(tDPONB) = 25ms; Power-Off Delay(tDPOFFB) =
25ms;
Under-voltage; Programmable Threshold(VPTHB) =
2.96V
Channel C
Sequenced; Sequence Position 0; Power-On
Delay(tDPONC) = 50ms; Power-Off Delay(tDPOFFC) =
100ms;
Under-voltage; Programmable Threshold(VPTHC) =
1.06V
Channel D
Not Sequenced; Sequence Position null (7);
Over-voltage; Programmable Threshold(VPTHD) =
5.50V
+5.0V
SMS64
+3.3V
VM
C
VM
F
IRQ#
RSTA#
RSTB#
GND
V+
OUT
SET
ON/OFF
+1.8V
+1.2V
+5.0V
+3.3V
Figure 8 – Simple Applications Example
APPLICATIONS INFORMATION (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com